Electronic Components Datasheet Search
  English  ▼

X  

SEMB3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SEMB3
Description  PNP Silicon Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SEMB3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SEMB3 Datasheet HTML 1Page - Infineon Technologies AG SEMB3 Datasheet HTML 2Page - Infineon Technologies AG SEMB3 Datasheet HTML 3Page - Infineon Technologies AG SEMB3 Datasheet HTML 4Page - Infineon Technologies AG SEMB3 Datasheet HTML 5Page - Infineon Technologies AG SEMB3 Datasheet HTML 6Page - Infineon Technologies AG SEMB3 Datasheet HTML 7Page - Infineon Technologies AG SEMB3 Datasheet HTML 8Page - Infineon Technologies AG SEMB3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
May-18-2004
4
BCR169.../SEMB3
DC current gain hFE = ƒ(IC)
VCE = 5 V (common emitter configuration)
10
-1
10
0
10
1
10
2
mA
IC
0
10
1
10
2
10
3
10
-
Collector-emitter saturation voltage
VCEsat = ƒ(IC), hFE = 20
0
0.1
0.2
0.3
0.4
V
0.55
VCEsat
-1
10
0
10
1
10
2
10
mA
Input on Voltage Vi(on) = ƒ(IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
10
2
V
Vi(on)
-1
10
0
10
1
10
2
10
mA
Input off voltage Vi(off) = ƒ(IC)
VCE = 5V (common emitter configuration)
0
1
2
3
V
5
Vi(off)
-3
10
-2
10
-1
10
0
10
1
10
2
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com