Electronic Components Datasheet Search
  English  ▼

X  

TPAC202P Datasheet(PDF) 1 Page - Total Power International

Part # TPAC202P
Description  200W 3U X 4HP HALF SIZE EUROCARD PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC202P Datasheet(HTML) 1 Page - Total Power International

  TPAC202P Datasheet HTML 1Page - Total Power International TPAC202P Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE
HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT
SHARING SWITCHING POWER SUPPLIES
TPAC202P SERIES
FEATURES:
200W 3U X 4HP HALF SIZE
EUROCARD PACKAGE
MEET IEC 61000-3-2 HARMONIC
CORRECTION
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
HOT-SWAPPABLE
THIRD-WIRE CURRENT SHARING
EMI MEET EN 55022 / FCC CLASS A
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Power Factor Correction: Meet Harmonic Correction
IEC 61000-3-2.Power Factor typ. 0.98-0.99.
Input Connector: Positronic 47-pin PCIH47M400A1.
Input Frequency: 47-63Hz.
Inrush Current: 6.85Arms at 230Vac 50Hz.
Input Current: 2.45A at 115Vac/1.13A at 230Vac.
Dielectric Withstand: Meet IEC 60950-1 regulation.
EMI: Meet EN 55022 / FCC Class A.
Hold-up Time: 16.8mS at 115Vac/230Vac.
Leakage Current: 0.45mA for IEC60950-1 Touch current.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection (OTP): Installed NTC and
thermostat for thermal sensor at [DEG#] pin.
GENERAL SPECIFICATION
Efficiency: Typical 77 %.
Switching Frequency: 125K Hz.
Circuit Topology: Forward circuit.
Transient Response: Peak transient less than 105mV and
recovers within 0.084mS after 25% load-change.
Safety Standard: IEC 60950-1 Class I.
Construction: Eurocard 3U X 4HP X 160mm CompactPCI.
Operating Temperature: 0 to +50 °C at full load with
specified air flow. Derates linearly to 50% at +70 °C.
Storage Temperature: -40 to +85 °C.
Temperature Coefficient: Typ. ±0.02% / °C.
Cooling: At least 30CFM(800 LFM) moving air is required
to achieve full rating power 200W in a confined area.
Power Density: 7.4 Watts/ Cubic Inch.
NOTE: (1)All measurement are at nominal input, full load and +25°C unless otherwise specifications.
(2)Due to requests in market and advances in technology, specifications subject to change without notification.
In application.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 200W continuous.
Output Connector: Positronic 47-pin PCIH47M400A1.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. ±1%.
Total Regulation: Typ. ±1.5%.
Noise & Ripple: Typ. 1% peak to peak .
OVP: Built-in at all outputs.
Adjustability: Available at VO1,2&3.
Remote Sensing: Available at VO1,VO2 & VO3.
Hot-Swap: Available.
N+1 Redundancy: Installed with internal OR-ing diodes
at all outputs for N+1 redundancy operation.
Current Sharing: Third-wire current sharing at VO1,2 &3.
Power OK Signal: Available for all output.
Over Current Protection (OCP): Installed at each rail.
Overload Protection (OLP): Fully protected against output
overload or short circuit. Typical 115-135% max. load.
Consult the factory for special OLP setting.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPAC202P

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAC200 TOTAL-POWER-TPAC200 Datasheet
513Kb / 2P
200W 3U X 8HP EUROCARD PACKAGE
TPAC200P TOTAL-POWER-TPAC200P Datasheet
508Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES
TPAC200P-490 TOTAL-POWER-TPAC200P-490 Datasheet
508Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES
TPAC200P-490(E) TOTAL-POWER-TPAC200P-490(E) Datasheet
513Kb / 2P
200W 3U X 8HP EUROCARD PACKAGE
TPAC200P-490(O) TOTAL-POWER-TPAC200P-490(O) Datasheet
513Kb / 2P
200W 3U X 8HP EUROCARD PACKAGE
More results

Similar Description - TPAC202P

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI200DC CANDD-CPCI200DC Datasheet
232Kb / 4P
180/225 wATT, 3U x 4HP CompactPCI
logo
Total Power Internation...
TPAC175 TOTAL-POWER-TPAC175_11 Datasheet
738Kb / 2P
175W IN 3U X 8HP EUROCARD PACKAGE
TPAC250P TOTAL-POWER-TPAC250P_11 Datasheet
496Kb / 2P
250W 3U X 8HP EUROCARD PACKAGE
TPAC301P TOTAL-POWER-TPAC301P Datasheet
505Kb / 2P
300W 3U X 8HP EUROCARD PACKAGE
TPAC200 TOTAL-POWER-TPAC200 Datasheet
513Kb / 2P
200W 3U X 8HP EUROCARD PACKAGE
logo
HITRON ELECTRONICS CORP...
HAC202P HITRON-HAC202P_11 Datasheet
564Kb / 2P
200W 3U X 4HP HALF SIZE EUROCARD PACKAGE
HAC250P HITRON-HAC250P_13 Datasheet
236Kb / 2P
250W 3U X 8HP EUROCARD PACKAGE
HAC300U-490 HITRON-HAC300U-490 Datasheet
242Kb / 2P
300W 3U X 8HP EUROCARD PACKAGE
HDC202C-24B-490 HITRON-HDC202C-24B-490 Datasheet
253Kb / 2P
205W HALF SIZE 3U X 4HP PACKAGE
HDC250P-24B HITRON-HDC250P-24B Datasheet
232Kb / 2P
250W 3U X 8HP EUROCARD PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com