Electronic Components Datasheet Search
  English  ▼

X  

TPAC301P Datasheet(PDF) 1 Page - Total Power International

Part # TPAC301P
Description  300W 3U X 8HP EUROCARD PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC301P Datasheet(HTML) 1 Page - Total Power International

  TPAC301P Datasheet HTML 1Page - Total Power International TPAC301P Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING
SWITCHING POWER SUPPLIES
TPAC301P SERIES
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 300W continuous.
Output Connector: Positronic 47-pin PCIH47M400A1.
Line Regulation: Typ. 0.5%.
Load Regulation: Typ. ±1-5%.
Noise & Ripple: Typ. 1% peak to peak or 50mV,
whichever is greater.
OVP: Built-in at all outputs.
Adjustability: Available at VO1,2&3.
Volt. Tolerance
: VO1/2 typ. 1%, VO3 typ. 3% , VO4 typ. 5%.
Remote Sensing: Available at VO1,VO2 & VO3.
Hot-Swap: Available.
N+1 Redundancy: Installed with internal OR-ing diodes
at all outputs for N+1 redundancy operation.
Current Sharing: Third-wire current sharing at VO1,2 &3.
Power OK Signal: Available for all output.
Over Current Protection (OCP): Installed at each rail.
Overload Protection (OLP): Fully protected against output
overload or short circuit. Typical 105-130% max. load.
Consult the factory for special OLP setting.
FEATURES:
300W 3U X 8HP EUROCARD PACKAGE
MEET IEC 61000-3-2 HARMONIC
CORRECTION
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
HOT-SWAPPABLE
THIRD-WIRE CURRENT SHARING
EMI MEET EN 55022 / FCC CLASS B
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Power Factor Correction: Meet Harmonic Correction
IEC 61000-3-2.Power Factor typ. 0.98-0.99.
Input Connector: Positronic 47-pin PCIH47M400A1.
Input Frequency: 47-63Hz.
Inrush Current: 6.96Arms at 230Vac.
Input Current: 3.34A at 115Vac/1.63A at 230Vac.
Dielectric Withstand: Meet IEC 60950-1 regulation.
EMI: Meet EN 55022 / FCC Class B.
Hold-up Time: 18.4mS at 115Vac/230Vac.
Earth Leakage Current: Less than 0.5mA at 230Vac.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection (OTP): Installed NTC and
thermostat for thermal sensor at [DEG#] pin.
GENERAL SPECIFICATION
Efficiency: Typ. 78%.
Switching Frequency: 120K Hz.
Circuit Topology: Forward circuit.
Transient Response: Peak transient less than 200mV and
recovers within 0.5mS after 25% load-change.
Safety Standard: IEC 60950-1 Class I.
Construction: Eurocard 3U X 8HP X 160mm
CompactPCI format.
Operating Temperature: 0 to +50 °C at full load with
specified air flow. Derates linearly to 50% at +70 °C.
Storage Temperature: -40 to +85 °C.
Temperature Coefficient: Typ. ±0.02% / °C.
Cooling: At least 60CFM(800 LFM) moving air is required
to achieve full rating power 300W in a confined area.
Power Density: 7.7 Watts/ Cubic Inch.
NOTE: (1)All measurement are at nominal input, full load and +25°C unless otherwise specifications.
(2)Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPAC301P

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAC301P-490(E) TOTAL-POWER-TPAC301P-490(E) Datasheet
505Kb / 2P
INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
More results

Similar Description - TPAC301P

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAC175 TOTAL-POWER-TPAC175_11 Datasheet
738Kb / 2P
175W IN 3U X 8HP EUROCARD PACKAGE
TPAC250P TOTAL-POWER-TPAC250P_11 Datasheet
496Kb / 2P
250W 3U X 8HP EUROCARD PACKAGE
TPAC200 TOTAL-POWER-TPAC200 Datasheet
513Kb / 2P
200W 3U X 8HP EUROCARD PACKAGE
logo
HITRON ELECTRONICS CORP...
HAC250P HITRON-HAC250P_13 Datasheet
236Kb / 2P
250W 3U X 8HP EUROCARD PACKAGE
HAC300U-490 HITRON-HAC300U-490 Datasheet
242Kb / 2P
300W 3U X 8HP EUROCARD PACKAGE
HAC500P HITRON-HAC500P_17 Datasheet
195Kb / 2P
500W 6U X 8HP EUROCARD PACKAGE
HARC255P-490 HITRON-HARC255P-490 Datasheet
250Kb / 2P
300W 3U X 8HP CPCI Package
HDC250P-24B HITRON-HDC250P-24B Datasheet
232Kb / 2P
250W 3U X 8HP EUROCARD PACKAGE
HDC350P-24B-490 HITRON-HDC350P-24B-490 Datasheet
327Kb / 2P
406W 6U X 8HP EUROCARD PACKAGE
HDC400P-48B-490 HITRON-HDC400P-48B-490_11 Datasheet
317Kb / 2P
400W 6U X 8HP EUROCARD PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com