Electronic Components Datasheet Search
  English  ▼

X  

TPES61 Datasheet(PDF) 2 Page - Total Power International

Part # TPES61
Description  ACCOMMODATE UNIVERSAL AC INPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES61 Datasheet(HTML) 2 Page - Total Power International

  TPES61 Datasheet HTML 1Page - Total Power International TPES61 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 531.0g (18.73 Oz.)
SINGLE OUTPUT
MAIN O/P★@
MODEL NO.
TYP.
VOLT.
TPES61-10
9.0A
5.0Vdc #
TPES61-11
4.2A 12.0Vdc
TPES61-11A
4.0A 13.2Vdc
TPES61-12
3.4A 15.0Vdc
TPES61-13
2.2A 24.0Vdc
TPES61-19
9.0A
3.3Vdc #
DUAL OUTPUT
MAIN O/P VO1@★
AUX. O/P +VO2 † or-VO3 ●
MODEL NO.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TPES61-20
7.0A
+5Vdc
9.0A
0.75A
-5Vdc
1.0A
TPES61-21
5.0A
+5Vdc
8.0A
2.00A
+12Vdc
3.0A
TPES61-21A
7.5A
+5Vdc
9.0A
0.50A
+12Vdc
1.0A
TPES61-22
5.0A
+5Vdc
8.0A
1.60A
+15Vdc
2.0A
TPES61-23
5.0A
+5Vdc
8.0A
1.00A
+24Vdc
1.5A
TPES61-25
2.0A
+15Vdc
3.0A
1.70A
+8Vdc
2.0A
TRIPLE OUTPUT
MAIN O/P VO1 ★@
AUX. O/P VO2 †
AUX. O/P VO3 ●
MODEL NO.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TPES61-30
5.0A
+5Vdc
8.0A
1.50A
+12Vdc
2.0A
0.5A
-12Vdc
1.0A
TPES61-31
5.0A
+5Vdc
8.0A
1.50A
+12Vdc
2.0A
0.8A
-5Vdc
1.0A
TPES61-32
5.0A
+5Vdc
8.0A
0.75A
+24Vdc
1.0A
0.5A
-12Vdc
0.9A
TPES61-33
5.0A
+5Vdc
8.0A
1.50A
+15Vdc
2.0A
0.5A
-5Vdc
1.0A
TPES61-34
5.0A
+5Vdc
8.0A
1.50A
+15Vdc
2.0A
0.2A
-15Vdc
0.4A
Symbol: "†" Stacked on main output. "●" Installed with Post of Regulator (P.R.). "★" OVP built-in.
"#" Remote sense. "@" Adjustable.
Remark: (1) At least 20% of typical main output current is required to maintain stated regulations.
(2) Max. Load (maximum load) is the continuous operating load of each rail,
but the max. load of each rail can’t be drawn from all outputs at the same time.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com