Electronic Components Datasheet Search
  English  ▼

X  

TPES65 Datasheet(PDF) 1 Page - Total Power International

Part # TPES65
Description  ACCOMMODATE UNIVERSAL AC INPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES65 Datasheet(HTML) 1 Page - Total Power International

  TPES65 Datasheet HTML 1Page - Total Power International TPES65 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC TO DC EXTERNAL DESKTOP ADAPTER
60-65 WATTS SINGLE OUTPUT SWITCHING POWER SUPPLIES
TPES65 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
DESKTOP IEC320-3PAC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN55022 / FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: 80% ~ 86% typical.
Switching Frequency: Approximate 85K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in
less than 3mS following a 25% load change.
Safety Standard: UL1950/ EN60950 Class I.
Power Density: 4.2 Watts. / Cubic Inch.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
Notes: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (±%).
(3) The typical cord length is about 1 meter (3.3 ft.), AWG#18 cord for various load conditions.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typical 60 ~ 65W.
Output Connector & Cord: Optional.
Output LED Indicator: Installed.
Line Regulation: 0.1% typical.
Load Regulation: ±3.0 ~ 5.0% typical.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in, Zener Diode clamping.
Adjustability: Factory set, not available..
Overload Protection: Typ. 125-150% of max power
overrange or short circuit, power foldback
& self-recovering.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320 3P-AC inlet receptacle.
Input Frequency: 47 ~ 63Hz.
Inrush Current: Less than 30A by adding thermister.
Input Current: 1.3A @115Vac./0.55A @230Vac typical.
Dielectric Withstand: Meet IEC950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 12mS @115Vac or
75mS @230Vac typical.
Over Temp. Protection (OTP): Optional.
Over Current Protection (OCP): Optional.
TOTAL POWER INT'L


Similar Part No. - TPES65

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPES61-10 TOTAL-POWER-TPES61-10 Datasheet
433Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPES61-11 TOTAL-POWER-TPES61-11 Datasheet
433Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPES61-11A TOTAL-POWER-TPES61-11A Datasheet
433Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPES61-12 TOTAL-POWER-TPES61-12 Datasheet
433Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
More results

Similar Description - TPES65

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPES51 TOTAL-POWER-TPES51 Datasheet
410Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCE
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com