Electronic Components Datasheet Search
  English  ▼

X  

BCR191W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR191W
Description  PNP Silicon Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR191W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR191W Datasheet HTML 1Page - Infineon Technologies AG BCR191W Datasheet HTML 2Page - Infineon Technologies AG BCR191W Datasheet HTML 3Page - Infineon Technologies AG BCR191W Datasheet HTML 4Page - Infineon Technologies AG BCR191W Datasheet HTML 5Page - Infineon Technologies AG BCR191W Datasheet HTML 6Page - Infineon Technologies AG BCR191W Datasheet HTML 7Page - Infineon Technologies AG BCR191W Datasheet HTML 8Page - Infineon Technologies AG BCR191W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May-18-2004
1
BCR191.../SEMB1
PNP Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R1 = 22kΩ , R2 = 22kΩ )
• For 6-PIN packages: two (galvanic) internal
isolated transistors with good matching
in one package
BCR191/F/L3
BCR191T/W
BCR191S
SEMB1
EHA07183
3
2
1
C
E
B
R1
R 2
EHA07173
6
54
3
2
1
C1
B2
E2
C2
B1
E1
1
R
R 2
R1
R 2
TR1
TR2
Type
Marking
Pin Configuration
Package
BCR191
BCR191F
BCR191L3
BCR191S
BCR191T
BCR191W
SEMB1
WOs
WOs
WO
WOs
WOs
WOs
WO
1=B
1=B
1=B
1=E1
1=B
1=B
1=E1
2=E
2=E
2=E
2=B1
2=E
2=E
2=B2
3=C
3=C
3=C
3=C2
3=C
3=C
3=C2
-
-
-
4=E2
-
-
4=E2
-
-
-
5=B2
-
-
5=B2
-
-
-
6=C1
-
-
6=C1
SOT23
TSFP-3
TSLP-3-4
SOT363
SC75
SOT323
SOT666


Similar Part No. - BCR191W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR191W SIEMENS-BCR191W Datasheet
34Kb / 4P
PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR191W INFINEON-BCR191W Datasheet
181Kb / 10P
PNP Silicon Digital Transistor
2007-07-31
BCR191W INFINEON-BCR191W Datasheet
841Kb / 8P
PNP Silicon Digital Transistor
2011-08-30
More results

Similar Description - BCR191W

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
PNP Digital Silicon Transistor
CHDTA115TUPT CHENMKO-CHDTA115TUPT Datasheet
69Kb / 2P
PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com