Electronic Components Datasheet Search
  English  ▼

X  

BCR402U Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR402U
Description  Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402U Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR402U Datasheet HTML 1Page - Infineon Technologies AG BCR402U Datasheet HTML 2Page - Infineon Technologies AG BCR402U Datasheet HTML 3Page - Infineon Technologies AG BCR402U Datasheet HTML 4Page - Infineon Technologies AG BCR402U Datasheet HTML 5Page - Infineon Technologies AG BCR402U Datasheet HTML 6Page - Infineon Technologies AG BCR402U Datasheet HTML 7Page - Infineon Technologies AG BCR402U Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN 066 Rev D
2 / 8
16-Jan-2004
Applications Note No. 066
Silicon Discretes
is also found in the BCR402R datasheet. Two
cases are shown: “open”, e.g. R1 is omitted (no
R1 used), showing nominal current to be 20mA,
and R1=68
Ω, yielding 30mA. For current up to
60mA, R1 will take on values less than 68
Ω, and
R1 can be determined experimentally. Note that
in all cases,
1. BCR402R output current should be
limited to 60mA
2. Total power dissipation of BCR402R
should be limited to less than 330 mW
for device soldering point temperatures
(TS) equal to or less than 87 °C.
The power dissipation is simply calculated by
multiplying the voltage drop across the device
(e.g. voltage between pins 2 and 3) times the
device current. A good general reference for
use when determining if a given circuit design
falls within device power dissipation guidelines
may be found at [1].
Figure 2.
Nominal Output Currents of
Devices in the Infineon LED Driver Family.
Current can be adjusted from these nominal
values via use of a single external resistor.
Figure 3.
BCR402R Output Current vs.
Supply Voltage for external resistor = OPEN
and external resistor = 68
Ω.
2. Application Circuit
The
application
circuit
is
designed
to
demonstrate the difference between stabilizing
LED current using an Infineon LED driver IC,
versus using a series resistance to stabilize
current.
This particular circuit has been
initially set up to operate over a supply
voltage range of 9V to 16V. The switch may
be used to easily toggle between BCR402R
mode and “resistor” mode.
Please refer to
Figure 4.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com