Electronic Components Datasheet Search
  English  ▼

X  

BCR503 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR503
Description  NPN Silicon Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR503 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR503 Datasheet HTML 1Page - Infineon Technologies AG BCR503 Datasheet HTML 2Page - Infineon Technologies AG BCR503 Datasheet HTML 3Page - Infineon Technologies AG BCR503 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCR503
Jun-29-2001
2
Electrical Characteristics at TA=25°C, unless otherwise specified
Parameter
Values
Symbol
Unit
typ.
max.
min.
DC Characteristics
-
V
50
-
V(BR)CEO
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
50
-
V(BR)CBO
Collector-base breakdown voltage
IC = 10 µA, IB = 0
-
-
Collector cutoff current
VCB = 40 V, IE = 0
ICBO
-
100
nA
-
-
mA
Emitter cutoff current
VEB = 10 V, IC = 0
IEBO
3.5
40
-
-
-
DC current gain 1)
IC = 50 mA, VCE = 5 V
hFE
-
VCEsat
-
0.3
V
Collector-emitter saturation voltage1)
IC = 50 mA, IB = 2.5 mA
0.6
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
-
1.5
V
1
-
Input on Voltage
IC = 10 mA, VCE = 0.3 V
Vi(on)
V
1.8
1.5
2.2
k

Input resistor
R1
2.9
0.9
R1/R2
1
1.1
Resistor ratio
-
AC Characteristics
fT
-
-
MHz
100
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
1) Pulse test: t < 300
s; D < 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com