Electronic Components Datasheet Search
  English  ▼

X  

54ACT573F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT573F
Description  Octal Latch with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT573F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACT573F Datasheet HTML 1Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 2Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 3Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 4Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 5Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 6Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 7Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 8Page - National Semiconductor (TI) 54ACT573F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54ACT573
Octal Latch with TRI-STATE® Outputs
General Description
The ’ACT573 is a high-speed octal latch with buffered com-
mon Latch Enable (LE) and buffered common Output Enable
(OE) inputs.
The ’ACT573 is functionally identical to the ’ACT373 but has
inputs and outputs on opposite sides.
Features
n ICC and IOZ reduced by 50%
n Inputs and outputs on opposite sides of package
allowing easy interface with microprocessors
n Useful as input or output port for microprocessors
n Functionally identical to ’ACT373
n TRI-STATE outputs for bus interfacing
n Outputs source/sink 24 mA
n ’ACT573 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’ACT573: 5962-87664
Logic Symbols
Pin Names
Description
D
0–D7
Data Inputs
LE
Latch Enable Input
OE
TRI-STATE Output Enable Input
O
0–O7
TRI-STATE Latch Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100332-1
IEEE/IEC
DS100332-2
August 1998
© 1998 National Semiconductor Corporation
DS100332
www.national.com


Similar Part No. - 54ACT573F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
Octal Latch with Tri-State Outputs
More results

Similar Description - 54ACT573F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
Octal D-Type Latch with TRI-STATE Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
Octal Latch with Tri-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com