Electronic Components Datasheet Search
  English  ▼

X  

BCR569 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR569
Description  PNP Silizium Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR569 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR569 Datasheet HTML 1Page - Infineon Technologies AG BCR569 Datasheet HTML 2Page - Infineon Technologies AG BCR569 Datasheet HTML 3Page - Infineon Technologies AG BCR569 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCR569
Dec-13-2001
1
PNP Silizium Digital Transistor
 Switching circuit, inverter, interface circuit,
driver circuit
 Built in bias resistor (R1 = 4.7k)
1
2
3
VPS05161
EHA07180
3
12
BE
C
1
R
Type
Marking
Pin Configuration
Package
BCR569
XLs
1 = B
2 = E
3 = C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
V
50
50
VCBO
Collector-base voltage
Emitter-base voltage
5
VEBO
Input on Voltage
Vi(on)
30
500
mA
IC
DC collector current
Total power dissipation
, TS = 79 °C
Ptot
mW
330
Junction temperature
Tj
150
°C
-65 ... 150
Storage temperature
Tstg
Thermal Resistance
Junction - soldering point1)
RthJS
 215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCR569

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR569 SIEMENS-BCR569 Datasheet
34Kb / 4P
PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results

Similar Description - BCR569

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
PNP Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
PNP DIGITAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
PNP Digital Transistor
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
Digital Transistor(PNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com