Electronic Components Datasheet Search
  English  ▼

X  

BCR583 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR583
Description  PNP Silicon Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR583 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR583 Datasheet HTML 1Page - Infineon Technologies AG BCR583 Datasheet HTML 2Page - Infineon Technologies AG BCR583 Datasheet HTML 3Page - Infineon Technologies AG BCR583 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCR583
Dec-13-2001
1
PNP Silicon Digital Transistor
 Switching circuit, inverter, interface circuit,
driver circuit
 Built in bias resistor (R1=10k, R2 =10k)
1
2
3
VPS05161
EHA07183
3
2
1
C
E
B
R1
R 2
Type
Marking
Pin Configuration
Package
BCR583
XMs
1 = B
2 = E
3 = C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
V
50
50
VCBO
Collector-base voltage
Emitter-base voltage
10
VEBO
Input on Voltage
Vi(on)
50
500
mA
IC
DC collector current
Total power dissipation
, TS = 79 °C
Ptot
mW
330
Junction temperature
Tj
150
°C
-65 ... 150
Storage temperature
Tstg
Thermal Resistance
Junction - soldering point1)
RthJS
 215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCR583

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR583 SIEMENS-BCR583 Datasheet
35Kb / 4P
PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR583 INFINEON-BCR583 Datasheet
138Kb / 6P
PNP Silicon Digital Transistor
2007-07-24
BCR583 INFINEON-BCR583 Datasheet
531Kb / 6P
PNP Silicon Digital Transistor
2011-07-28
BCR583 INFINEON-BCR583_07 Datasheet
138Kb / 6P
PNP Silicon Digital Transistor
2007-07-24
BCR583 INFINEON-BCR583_11 Datasheet
531Kb / 6P
PNP Silicon Digital Transistor
2011-07-28
More results

Similar Description - BCR583

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
PNP Digital Silicon Transistor
CHDTA115TUPT CHENMKO-CHDTA115TUPT Datasheet
69Kb / 2P
PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com