Electronic Components Datasheet Search
  English  ▼

X  

23026HT Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 23026HT
Description  High-Temp 200째C Test & Burn-In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

23026HT Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  23026HT Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
23026HT
Rev. 1.6
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR TEST SOCKET RECEPTACLES, SEE DATA SHEET 10003
DO NOT USE THIS SOCKET IN A BURN-IN OVEN WITH CONTACTS IN OPEN
POSITION, AS IT WILL DAMAGE THE SOCKET
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
INTERPOSER
Cross Section
Column Array
Elastomer Matrix Compliant Buttons
Ag Particles
KEY PERFORMANCE ELEMENTS – Series AR4HT
•Ariesuniqueuniversalsocketingsystemallowsthesockettobeeasilyconfigured
foranypackage,onanypitch(ormultiplepitch)from0.2mmorgreater,inany
configuration,withlittleornotoolingchargeorextralead-time.
•ForTest&Burn-InofCSP,µBGA,Bump-Array,QFN,QFP,MLF,DFN,SSOP,
TSSOP,TSOP,SOP,SOIC,LGA,LCC,PLCC,TOandanySMTpackagestylemade.
AlsocanbecompatiblewithPGApackageddevices.
•QuickandEasyInterposerReplacementSystem:thecompleteinterposercanbe
removedandanewone(interposer)andbeinsertedquicklyandeasily.This
savestimeandmoneyinyourtestsetup.
•High-Temperature200°C(high-frequencybandwidth,lowinductance,andhigh-
currentapplicationsinareliableanddurablesockethousing).
•ExcellentCompliance(shorterthanotherlow-profilecontacts,enablesreliable
ATEtestingandburn-in).Excellentchoiceforlow-costhandtestapplications.
SILMAT® CONTACT TECHNOLOGY
•ItisNOTacheapconductiverubbersheet
•ItisNOTaprototypeoracopy
•ItISacost-effective,lowprofilecontactstructureengineeredwithspecific
materialsandfeaturestoprovideelectricalandmechanicaladvantagesforhigh
performanceapplications
•ItISaninnovative,protected,validatedandreleasedproductwithcapacityand
qualitycontrolavailabletomeetexistingandemergingcustomerneeds
MECHANICAL
•CONTACTLENGTH(compressed):0.45mm
•PITCH:Releasedto<0.4mm–MixedPitchAvailable
•PACKAGES:BGA,LGA,QFN,DFN,CSP,POP–FullandPartialArraysAvailable
•STRUCTURE:Silmat®InterposerwithPatentedCore
•INTERPOSERMATERIALS:AgParticlesinSiliconeElastomerwithPolyimide
Core(patented)
•COMPLIANCERANGE/TRAVEL:Upto0.23mm
•CONTACTFORCE/LEAD(initial):20-30grams/lead
•OPERATINGTEMPERATURE:−55°Cto200°C
•LIFEEXPECTANCY:Silmat® Interposer >10,000 actuations
(influencedbyintroductionofbiastotheICandtheplating
ofICleadswillimpactthedegradationofthecontactperfor-
mance)
ELECTRICAL (0.5mm pitch)
•BANDWIDTH(frequencyresponse):-1dBat>40GHz
•SELF-INDUCTANCE:0.10nH
•MUTUALINDUCTANCE:0.02nH
•CAPACITANCETOGROUND:0.14pF
•MUTUALCAPACITANCE:0.01pF
•CONTACTRESISTANCE(initial):<25mΩ
•CURRENTRATING:4ampsat14°Cheatrise
High-Temp 200°C Test & Burn-In Sockets for
BGA, LGA, QFN, MLCC, and Bumped Die Devices
ORDERING INFORMATION
This material can be ordered with
ANY Aries CSP/BGA Sockets


Similar Part No. - 23026HT

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
23026 ARIES-23026 Datasheet
803Kb / 1P
Hi-Temp 200째C Test & Burn- In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices
logo
PHOENIX CONTACT
2302609 PHOENIX-2302609 Datasheet
96Kb / 7P
Cable - FLK 50/EZ-DR/D37SUB/100/Y81P-O
09/12/2020
2302612 PHOENIX-2302612 Datasheet
303Kb / 8P
FLK 50/EZ-DR/D37SUB/200/Y81P-O - Cable
logo
Huber+Suhner, Inc.
23026120 HUBERSUHNER-23026120 Datasheet
172Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
logo
PHOENIX CONTACT
2302654 PHOENIX-2302654 Datasheet
103Kb / 3P
System cable for Mitsubishi Electric MELSEC Q X81, MELSEC A1S X81, MELSEC A AX82, cable length 1.0 m
More results

Similar Description - 23026HT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
High-Temp Universal ZIF DIP Burn-in & Test Socket
23026 ARIES-23026 Datasheet
803Kb / 1P
Hi-Temp 200째C Test & Burn- In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices
24005 ARIES-24005 Datasheet
1Mb / 2P
Long-Life Hi-Frequency Sockets for BGA, LGA, QFN, MLCC, 關BGA and Bumped Die Devices
logo
Abracon Corporation
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
Suitable for high temperature burn-in test
07.10.09
AXS-5032-04-04 ABRACON-AXS-5032-04-04 Datasheet
404Kb / 1P
Suitable for high temperature burn-in test
07.13.09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com