Electronic Components Datasheet Search
  English  ▼

X  

BCV46 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCV46
Description  PNP Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV46 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCV46 Datasheet HTML 1Page - Infineon Technologies AG BCV46 Datasheet HTML 2Page - Infineon Technologies AG BCV46 Datasheet HTML 3Page - Infineon Technologies AG BCV46 Datasheet HTML 4Page - Infineon Technologies AG BCV46 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCV26, BCV46
1
Jul-13-2001
PNP Silicon Darlington Transistors
 For general AF applications
 High collector current
 High current gain
 Complementary types: BCV27, BCV47 (NPN)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BCV26
BCV46
FDs
FEs
1 = B
1 = B
2 = E
2 = E
3 = C
3 = C
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BCV26
BCV46
Unit
Collector-emitter voltage
VCEO
30
60
V
Collector-base voltage
VCBO
40
80
Emitter-base voltage
VEBO
10
10
DC collector current
IC
500
mA
Peak collector current
ICM
800
Base current
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 74 °C
Ptot
360
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
210
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCV46

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV46 PHILIPS-BCV46 Datasheet
43Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV46 ZETEX-BCV46 Datasheet
49Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV46 SIEMENS-BCV46 Datasheet
141Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
Diotec Semiconductor
BCV46 DIOTEC-BCV46 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
SEMTECH ELECTRONICS LTD...
BCV46 SEMTECH_ELEC-BCV46 Datasheet
130Kb / 2P
PNP Darlington Transistors
More results

Similar Description - BCV46

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
Darlington Transistors(PNP Silicon)
1996
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
Darlington Transistors(PNP Silicon)
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
PNP Silicon Darlington Transistors
Jul-12-2001
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
PNP Silicon Darlington Transistors
2007-04-20
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
PNP Silicon Darlington Transistors
2011-10-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com