Electronic Components Datasheet Search
  English  ▼

X  

178012402 Datasheet(PDF) 21 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 178012402
Description  MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

178012402 Datasheet(HTML) 21 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 178012402 Datasheet HTML 17Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 18Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 19Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 20Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 21Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 22Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 23Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 24Page - Wurth Elektronik GmbH & Co. KG, Germany. 178012402 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
we-online.com
Würth Elektronik eiSos GmbH & Co. KG - Data Sheet - REV 1.0
21/31
WPMDH1152401 / 171012402
MagI³C Power Module
VDRM - Variable Step Down Regulator Module
DESIGN FLOW
4: Make input and output bus connections as wide as possible.
This reduces any voltage drops on the input or output of the converter and maximizes efficiency.
5: Provide adequate device heat-sinking.
Use an array of heat-sinking vias to connect the exposed pad to the ground plane on the bottom PCB layer. If the
PCB has a plurality of copper layers, these thermal vias can also be used to make connection to inner layer heat-
spreading ground planes. For best results use a 6 x 6 via array with minimum via diameter of 254
μm thermal vias
spaced 1.5mm. Ensure enough copper area is used for heat-sinking to keep the junction temperature below 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com