Electronic Components Datasheet Search
  English  ▼

X  

BCV48 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCV48
Description  PNP Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV48 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCV48 Datasheet HTML 1Page - Infineon Technologies AG BCV48 Datasheet HTML 2Page - Infineon Technologies AG BCV48 Datasheet HTML 3Page - Infineon Technologies AG BCV48 Datasheet HTML 4Page - Infineon Technologies AG BCV48 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCV28, BCV48
1
Jul-12-2001
PNP Silicon Darlington Transistors
 For general AF applications
 High collector current
 High current gain
 Complementary types: BCV29, BCV49 (NPN)
2
1
3
VPS05162
2
Type
Marking
Pin Configuration
Package
BCV28
BCV48
ED
EE
1 = B
1 = B
2 = C
2 = C
3 = E
3 = E
4 = C
4 = C
SOT89
SOT89
Maximum Ratings
Parameter
Symbol
BCV28
BCV48
Unit
Collector-emitter voltage
VCEO
30
60
V
Collector-base voltage
VCBO
40
80
Emitter-base voltage
VEBO
10
10
DC collector current
IC
500
mA
Peak collector current
ICM
800
Base current
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 130 °C
Ptot
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
20
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCV48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV48 PHILIPS-BCV48 Datasheet
42Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV48 ZETEX-BCV48 Datasheet
16Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Siemens Semiconductor G...
BCV48 SIEMENS-BCV48 Datasheet
142Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
NXP Semiconductors
BCV48 NXP-BCV48 Datasheet
126Kb / 8P
PNP Darlington transistors
2004 Dec 06
logo
Infineon Technologies A...
BCV48 INFINEON-BCV48 Datasheet
72Kb / 8P
PNP Silicon Darlington Transistors
2007-04-20
More results

Similar Description - BCV48

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
Darlington Transistors(PNP Silicon)
1996
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
Darlington Transistors(PNP Silicon)
logo
Infineon Technologies A...
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
PNP Silicon Darlington Transistors
2007-04-20
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
PNP Silicon Darlington Transistors
2011-10-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com