Electronic Components Datasheet Search
  English  ▼

X  

ADF5904 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5904
Description  4-Channel, 24 GHz,Receiver Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5904 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5904 Datasheet HTML 7Page - Analog Devices ADF5904 Datasheet HTML 8Page - Analog Devices ADF5904 Datasheet HTML 9Page - Analog Devices ADF5904 Datasheet HTML 10Page - Analog Devices ADF5904 Datasheet HTML 11Page - Analog Devices ADF5904 Datasheet HTML 12Page - Analog Devices ADF5904 Datasheet HTML 13Page - Analog Devices ADF5904 Datasheet HTML 14Page - Analog Devices ADF5904 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADF5904
INITIALIZATION SEQUENCE
After powering up the device, administer the initialization
sequence in Table 6 to set the register with the code to configure
the device.
Table 6. Initialization Sequence
Step
Register
Hex Code
Description
1
R3
0x00000003
Reserved
2
R2
0x00020406
Temperature sensor to ATEST
3
R1
0x20001499
Configure Channel 1
4
R1
0x40001499
Configure Channel 2
5
R1
0x60001499
Configure Channel 3
6
R1
0x80001499
Configure Channel 4
7
R1
0xA0000019
Configure LO
8
R0
0x80007CA0
Power up
TEMPERATURE SENSOR
The on-chip temperature sensor of the ADF5904 is accessed on
the ATEST pin. The temperature sensor operates over the full
operating temperature range of −40°C to +105°C. To improve
accuracy, conduct a one-point calibration at room temperature
and store the result in the external memory. Convert the ATEST
voltage to temperature by using the following equation:
Temperature (°C) = (VATEST − VOFF)/VGAIN
where:
VATEST is the voltage on the ATEST pin.
VOFF is the offset voltage and it is 1.212 V.
VGAIN is the voltage gain and it is 4.072 milli (103).
Rev. 0 | Page 13 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com