Electronic Components Datasheet Search
  English  ▼

X  

ADG5462F Datasheet(PDF) 28 Page - Analog Devices

Part # ADG5462F
Description  User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5462F Datasheet(HTML) 28 Page - Analog Devices

Back Button ADG5462F Datasheet HTML 21Page - Analog Devices ADG5462F Datasheet HTML 22Page - Analog Devices ADG5462F Datasheet HTML 23Page - Analog Devices ADG5462F Datasheet HTML 24Page - Analog Devices ADG5462F Datasheet HTML 25Page - Analog Devices ADG5462F Datasheet HTML 26Page - Analog Devices ADG5462F Datasheet HTML 27Page - Analog Devices ADG5462F Datasheet HTML 28Page - Analog Devices ADG5462F Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
ADG5462F
Data Sheet
Rev. B | Page 28 of 29
INTELLIGENT FAULT DETECTION
The ADG5462F digital output pin (FF) can interface with a
microprocessor or control system and be used as an interrupt
flag. This feature provides real-time diagnostic information on
the state of the device and the system to which it connects.
The control system can use the digital interrupt to start a
variety of actions, such as
•
Initiating investigation into the source of the overvoltage fault
•
Shutting down critical systems in response to the overvoltage
•
Signaling the data recorders to mark data during these
events as unreliable or out of specification
For systems that are sensitive during a start-up sequence, the
active low operation of the flag allows the system to ensure that
the ADG5462F is powered on and that all input voltages are
within normal operating range before initiating operation.
The FF pin is a weak pull-up, which allows the signals to be
combined into a single interrupt for larger modules that contain
multiple devices.
The interrupt flag recovery time, tDIGREC, can be decreased from
a typical 60 µs to 600 ns by using a 1 kΩ pull-up resistor.
The DR pin can also be used for diagnostic purposes. The FF
pin provides an interrupt that indicates one of the four channels
has a fault. The DR pin can then be pulled low to find which of
the channels has a fault as well as the polarity of the fault. For
example, if an ADC downstream is monitoring the channel, a
full-scale reading then indicates a positive fault, and a zero-scale
reading indicates a negative fault.
LARGE VOLTAGE, HIGH FREQUENCY SIGNALS
Figure 24 illustrates the voltage range and frequencies that the
ADG5462F can reliably convey. For signals that extend across
the full signal range from VSS to VDD, keep the frequency less
than 3 MHz. If the required frequency is greater than 3 MHz,
decrease the signal range appropriately to ensure signal integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com