Electronic Components Datasheet Search
  English  ▼

X  

ADP2389 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 15Page - Analog Devices ADP2389 Datasheet HTML 16Page - Analog Devices ADP2389 Datasheet HTML 17Page - Analog Devices ADP2389 Datasheet HTML 18Page - Analog Devices ADP2389 Datasheet HTML 19Page - Analog Devices ADP2389 Datasheet HTML 20Page - Analog Devices ADP2389 Datasheet HTML 21Page - Analog Devices ADP2389 Datasheet HTML 22Page - Analog Devices ADP2389 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADP2389/ADP2390
Data Sheet
Rev. 0 | Page 20 of 23
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good printed circuit board (PCB) layout is essential for obtaining
the best performance from the ADP2389/ADP2390. Poor PCB
layout can degrade the output regulation, as well as the EMI and
electromagnetic compatibility (EMC) performance. Figure 34
shows an example of a good PCB layout for the ADP2389/
ADP2390. For optimum layout, refer to the following guidelines:
Use separate analog ground planes and power ground
planes. Connect the ground reference of sensitive analog
circuitry, such as output voltage divider components, to the
analog ground. In addition, connect the ground reference
of power components, such as input and output capacitors,
to power ground. Connect both ground planes to the
exposed GND pad of the ADP2389/ADP2390.
Place the input capacitor, the inductor, and the output
capacitor as close as possible to the IC, and use short traces.
Ensure that the high current loop traces are as short and as
wide as possible. Make the high current path from the input
capacitor through the inductor, the output capacitor, and the
power ground plane back to the input capacitor as short as
possible. To accomplish this, ensure that the input and output
capacitors share a common power ground plane.
In addition, ensure that the high current path from the power
ground plane through the inductor and output capacitor
back to the power ground plane is as short as possible by
tying the PGND pins of the ADP2389/ADP2390 to the
PGND plane as close as possible to the input and output
capacitors.
Connect the exposed GND pad of the ADP2389/ADP2390
to a large, external copper ground plane to maximize its power
dissipation capability and minimize junction temperature. In
addition, connect the exposed SW pad to the SW pins of the
ADP2389/ADP2390, using short, wide traces, or connect
the exposed SW pad to a large copper plane of the switching
node for high current flow to reduce thermal resistance.
Place the feedback resistor divider network as close as
possible to the FB pin to prevent noise pickup. Minimize
the length of the trace that connects the top of the feedback
resistor divider to the output while keeping the trace away
from the high current traces and the switching node to
avoid noise pickup. To reduce noise pickup further, place
an analog ground plane on either side of the FB trace and
ensure that the trace is as short as possible to reduce the
parasitic capacitance pickup.
Figure 33. High Current Path in the PCB Circuit
BST
FB
COMP
PGOOD
GND
VREG
RT
ILIM
FTW
SS
L
CVREG
RT
RILIM
RFTW
SW
PGND
EN
PVIN
VIN
CIN
VIN
CBST
COUT
VOUT
RTOP
RBOT
CC
RC
CSS
ADP2389/
ADP2390
CCP
NOTES
1. ITEMS IN GRAY INDICATES HIGH CURRENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com