Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCV62
Description  PNP Silicon Double Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV62 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCV62 Datasheet HTML 1Page - Infineon Technologies AG BCV62 Datasheet HTML 2Page - Infineon Technologies AG BCV62 Datasheet HTML 3Page - Infineon Technologies AG BCV62 Datasheet HTML 4Page - Infineon Technologies AG BCV62 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCV62
4
Jul-11-2001
Test circuit for current matching
Ι
C1
CE1
V
A
...
CO
V
E2
Ι
EHN00003
= constant
VCO
T2
T1
21
4
3
Note: Voltage drop at contacts:
VCO < 2/3 VT = 16mV
Characteristic for determination of VCE1 at specified RE range with
IE2 as parameter under condition of IC1/IE2 = 1.3
EHN00004
T1
T2
...
A
21
4
3
VCE1
C1
Ι
Ι
E2 = constant
RE
RE
Note: BCV62 with emitter resistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com