Electronic Components Datasheet Search
  English  ▼

X  

BCX71 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BCX71
Description  PNP Silicon AF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX71 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCX71 Datasheet HTML 1Page - Infineon Technologies AG BCX71 Datasheet HTML 2Page - Infineon Technologies AG BCX71 Datasheet HTML 3Page - Infineon Technologies AG BCX71 Datasheet HTML 4Page - Infineon Technologies AG BCX71 Datasheet HTML 5Page - Infineon Technologies AG BCX71 Datasheet HTML 6Page - Infineon Technologies AG BCX71 Datasheet HTML 7Page - Infineon Technologies AG BCX71 Datasheet HTML 8Page - Infineon Technologies AG BCX71 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BCW61, BCX71
6
Jul-10-2001
Collector-base capacitance
CCB = f (VCBO)
Emitter-base capacitance
CEB = f (VEBO)
10
EHP00344
BCW 61/BCX 71
-1
1
10
V
10
0
6
12
pF
0
2
4
8
10
CBO
VV
EBO
EBO
C
C
CBO
EBO
C
C
CBO
)
(
)
(
Total power dissipation
Ptot = f(TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00345
BCW 61/BCX 71
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t
Transition frequency
fT = f (IC)
VCE = 5V
10
EHP00347
BCW 61/BCX 71
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
55



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com