Electronic Components Datasheet Search
  English  ▼

X  

BCX41 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCX41
Description  NPN Silicon AF and Switching Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX41 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCX41 Datasheet HTML 1Page - Infineon Technologies AG BCX41 Datasheet HTML 2Page - Infineon Technologies AG BCX41 Datasheet HTML 3Page - Infineon Technologies AG BCX41 Datasheet HTML 4Page - Infineon Technologies AG BCX41 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCX41, BSS64
1
Aug-20-2001
NPN Silicon AF and Switching Transistors
 For general AF applications
 High breakdown voltage
 Low collector-emitter saturation voltage
 Complementary types: BCX42, BSS63 (PNP)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BCX41
BSS64
EKs
AMs
1 = B
1 = B
2 = E
2 = E
3 = C
3 = C
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BSS64
BCX41
Unit
Collector-emitter voltage
VCEO
80
125
V
Collector-base voltage
VCBO
120
125
Emitter-base voltage
VEBO
5
5
DC collector current
IC
800
mA
Peak collector current
ICM
1
A
Base current
mA
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCX41

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
logo
Guangdong Kexin Industr...
BCX41 KEXIN-BCX41 Datasheet
37Kb / 1P
Medium Power Transistor
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
76Kb / 7P
NPN Silicon AF and Switching Transistor
2007-04-20
logo
Continental Device Indi...
BCX41 CDIL-BCX41 Datasheet
327Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - BCX41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
NPN Silicon AF Transistors
2008-10-10
BCX41 INFINEON-BCX41_07 Datasheet
76Kb / 7P
NPN Silicon AF and Switching Transistor
2007-04-20
BCX41E6327 INFINEON-BCX41E6327 Datasheet
531Kb / 7P
NPN Silicon AF and Switching Transistor
2011-10-04
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
NPN Silicon AF Transistors
2011-10-13
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
NPN Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com