Electronic Components Datasheet Search
  English  ▼

X  

BCW68F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCW68F
Description  PNP Silicon AF Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW68F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCW68F Datasheet HTML 1Page - Infineon Technologies AG BCW68F Datasheet HTML 2Page - Infineon Technologies AG BCW68F Datasheet HTML 3Page - Infineon Technologies AG BCW68F Datasheet HTML 4Page - Infineon Technologies AG BCW68F Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCW67, BCW68
1
Jul-10-2001
PNP Silicon AF Transistors
 For general AF applications
 High current gain
 Low collector-emitter saturation voltage
Complementary types: BCW65, BCW66 (NPN)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BCW67A
BCW67B
BCW67C
BCW68F
BCW68G
BCW68H
DAs
DBs
DCs
DFs
DGs
DHs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BCW67
BCW68
Unit
Collector-emitter voltage
VCEO
32
45
V
Collector-base voltage
VCBO
45
60
Emitter-base voltage
VEBO
5
5
DC collector current
IC
800
mA
Peak collector current
ICM
1
A
Base current
mA
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCW68F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68F ZETEX-BCW68F Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW68F SIEMENS-BCW68F Datasheet
134Kb / 6P
PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Diotec Semiconductor
BCW68F DIOTEC-BCW68F Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW68F DIOTEC-BCW68F Datasheet
100Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Rectron Semiconductor
BCW68F RECTRON-BCW68F Datasheet
300Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results

Similar Description - BCW68F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
PNP Silicon AF Transistors
Jul-23-2001
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
PNP Silicon AF Transistors
2007-04-20
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
PNP Silicon AF Transistors
2011-07-29
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
PNP Silicon AF Transistors
2011-09-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com