Electronic Components Datasheet Search
  English  ▼

X  

BCX68 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCX68
Description  NPN Silicon AF Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX68 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCX68 Datasheet HTML 1Page - Infineon Technologies AG BCX68 Datasheet HTML 2Page - Infineon Technologies AG BCX68 Datasheet HTML 3Page - Infineon Technologies AG BCX68 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BCX68
Jun-29-2001
4
DC current gain hFE = f (IC)
VCE = 1V
10
10
10
10
BCX 68
EHP00464
h
mA
0
1
34
FE
3
10
102
0
10
5
5
101
2
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
0.4
0.8
BCX 68
EHP00465
V
CE sat
V
mA
10
4
1
10
10
10
2
10
10
3
10
5
5
5
10
0
0.2
0.6
100
25
-50
C
Ι
˚C
˚C
˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
10
0
0.6
BCX 68
EHP00467
V
BE sat
10
mA
10
10
10
4
3
2
1
0
5
5
5
V
0.2
0.4
0.8
1.0
1.2
100
25
-50
C
Ι
˚C
˚C
˚C
Collector cutoff current ICBO = f (TA)
VCB = 25V
10
0
50
100
150
BCX 68
EHP00466
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
5
4
3
2
1
0
max
typ
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com