Electronic Components Datasheet Search
  English  ▼

X  

BCX71H Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCX71H
Description  PNP Silicon AF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX71H Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCX71H Datasheet HTML 1Page - Infineon Technologies AG BCX71H Datasheet HTML 2Page - Infineon Technologies AG BCX71H Datasheet HTML 3Page - Infineon Technologies AG BCX71H Datasheet HTML 4Page - Infineon Technologies AG BCX71H Datasheet HTML 5Page - Infineon Technologies AG BCX71H Datasheet HTML 6Page - Infineon Technologies AG BCX71H Datasheet HTML 7Page - Infineon Technologies AG BCX71H Datasheet HTML 8Page - Infineon Technologies AG BCX71H Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BCW61, BCX71
1
Jul-10-2001
PNP Silicon AF Transistor
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Low noise between 30 Hz and 15 kHz
 Complementary types: BCW60, BCX70 (NPN)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BCW 61A
BCW 61B
BCW 61C
BCW 61D
BCW 61FF
BCW 61FN
BCX 71G
BCX 71H
BCX 71J
BCX 71K
BAs
BBs
BCs
BDs
BFs
BNs
BGs
BHs
BJs
BKs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23


Similar Part No. - BCX71H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71H PHILIPS-BCX71H Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Samsung semiconductor
BCX71H SAMSUNG-BCX71H Datasheet
33Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCX71H SIEMENS-BCX71H Datasheet
271Kb / 9P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diotec Semiconductor
BCX71H DIOTEC-BCX71H Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCX71H KEXIN-BCX71H Datasheet
40Kb / 2P
PNP General Purpose Transistors
More results

Similar Description - BCX71H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
PNP Silicon AF Transistor
Jan-08-2002
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
PNP Silicon AF Transistor
Nov-29-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
PNP Silicon AF Transistor
Nov-30-2001
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
PNP Silicon AF Transistor
Jun-16-2004
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
PNP Silicon AF Transistor
2007-06-08
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
PNP Silicon AF Transistor
2008-04-29
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
PNP Silicon AF Transistor
2008-10-10
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
PNP Silicon AF Transistor
2011-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com