Electronic Components Datasheet Search
  English  ▼

X  

DP159RSB Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DP159RSB
Description  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  DP159RSB Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
Hardware Description
2.4
Jumper Configuration
Jumpers are provided to operate the device/EVM in different configurations. Table 1 lists the jumper
settings.
Table 1. Jumper Settings
Jumper
Signal Name
Description
Default Config
J1
HPD_SRC
JP 1-2 for DP159 thru HDMI
NC
JP 2-3 NOT USED
NC for DP159
J3
I2_EN_PIN
JP 1-2 for I
2C ENABLE
NC
JP 2-3 for PIN STRAP
NC – PIN STRAP (internal pulldown)
J4
SCL
JP 1-2 for USB IF TO I
2C
JP 1-2: USB I
2C Interface
JP 2-3 for EXT IF TO I
2C
NC – N/A
J6
SDA
JP 1-2 for USB IF TO I
2C
JP 1-2: USB I
2C Interface
JP 2-3 for EXT IF TO I
2C
NC – N/A
J7
HDMI_SEL_TEST_A1
JP 1-2 for:
NC
• I
2C Addr bit A1 = 1, when I2C_EN = H
• Test mode, when I2C_EN = L
JP 2-3 for:
• I
2C Addr bit A1 = 0, when I2C_EN = H
• Normal mode, when I2C_EN = L
NC for weak internal pulldown (normal
mode)
J8
VSADJ
JP 1-2 for 6.5 k
Ω
JP 1-2: Default of 6.5 k
Ω
JP 2-3 for adjustable resistance
NC – N/A
J10
SLEW_CTL
JP 1-2 for fastest data rate
NC
JP 2-3 for 20 ps slow
NC for 40 ps slow
J12
EQ_SEL_A0
JP 1-2 for:
NC
• I
2C Addr bit A0 = 1, when I2C_EN = H
• Fixed EQ at 14 dB, when I2C_EN = L
JP 2-3 for:
• I
2C Addr bit A0 = 0, when I2C_EN = H
• Fixed EQ at 7.5 dB, when I2C_EN = L
NC for adaptive EQ
J15
PRE_SEL
JP 1-2 NOT USED
JP 2-3
JP 2-3 for –2.5 dB
NC for 0 dB
5
SLLU224A – August 2015 – Revised October 2015
DP159RSB Evaluation Module
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com