Electronic Components Datasheet Search
  English  ▼

X  

BDP949 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BDP949
Description  Silicon NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP949 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BDP949 Datasheet HTML 1Page - Infineon Technologies AG BDP949 Datasheet HTML 2Page - Infineon Technologies AG BDP949 Datasheet HTML 3Page - Infineon Technologies AG BDP949 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDP947, BDP949
1
Aug-06-2001
Silicon NPN Transistor
 For AF driver and output stages
 High collector current
 High current gain
 Low collector-emitter saturation voltage
 Complementary types: BDP948, BDP950 (PNP)
VPS05163
1
2
3
4
Type
Marking
Pin Configuration
Package
BDP947
BDP949
BDP 947
BDP 949
1 = B
1 = B
2 = C
2 = C
3 = E
3 = E
4 = C
4 = C
SOT223
SOT223
Maximum Ratings
Parameter
BDP 947
Symbol
BDP 949
Unit
V
60
Collector-emitter voltage
VCEO
45
Collector-base voltage
45
60
VCBO
VEBO
5
5
Emitter-base voltage
3
A
DC collector current
IC
Peak collector current
5
ICM
Base current
IB
200
mA
Peak base current
IBM
500
Total power dissipation, TS = 99 °C
W
3
Ptot
°C
Junction temperature
150
Tj
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BDP949

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BDP949 SIEMENS-BDP949 Datasheet
40Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
logo
Infineon Technologies A...
BDP949 INFINEON-BDP949 Datasheet
524Kb / 8P
Silicon NPN Transistors
2009-05-28
BDP949 INFINEON-BDP949 Datasheet
528Kb / 8P
Silicon NPN Transistors
2011-10-05
BDP949 INFINEON-BDP949 Datasheet
528Kb / 8P
Silicon NPN Transistors
2011-10-05
logo
Inchange Semiconductor ...
BDP949 ISC-BDP949 Datasheet
384Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - BDP949

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com