Electronic Components Datasheet Search
  English  ▼

X  

BDP955 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BDP955
Description  NPN Silicon AF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP955 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BDP955 Datasheet HTML 1Page - Infineon Technologies AG BDP955 Datasheet HTML 2Page - Infineon Technologies AG BDP955 Datasheet HTML 3Page - Infineon Technologies AG BDP955 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDP951 ... BDP955
1
Aug-06-2001
NPN Silicon AF Power Transistor
 For AF driver and output stages
 High collector current
 High current gain
 Low collector-emitter saturation voltage
 Complementary types: BDP952 ... BDP956 (PNP)
VPS05163
1
2
3
4
Type
Marking
Pin Configuration
Package
BDP951
BDP953
BDP955
BDP 951
BDP 953
PDP 955
1 = B
1 = B
1 = B
2 = C
2 = C
2 = C
3 = E
3 = E
3 = E
4 = C
4 = C
4 = C
SOT223
SOT223
SOT223
Maximum Ratings
Parameter
BDP 951
Symbol
Unit
BDP 955
BDP 953
80
100
VCEO
Collector-emitter voltage
120
V
Collector-base voltage
VCBO
100
120
140
Emitter-base voltage
VEBO
5
5
5
3
A
DC collector current
IC
Peak collector current
5
ICM
Base current
IB
200
mA
500
IBM
Peak base current
Total power dissipation, TS = 99 °C
Ptot
W
3
Junction temperature
Tj
150
°C
-65 ... 150
Storage temperature
Tstg
Thermal Resistance
Junction - soldering point1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BDP955

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BDP955 SIEMENS-BDP955 Datasheet
41Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
More results

Similar Description - BDP955

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
NPN Silicon AF Transistor
logo
Micro Electronics
BC337 MICRO-ELECTRONICS-BC337 Datasheet
140Kb / 2P
NPN SILICON AF MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
NPN Silicon AF Transistor
Nov-29-2001
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
NPN Silicon AF Transistor
Feb-20-2002
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
NPN Silicon AF Transistor
2008-10-20
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
NPN Silicon AF Transistor
2008-10-10
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
NPN Silicon AF Transistor
2011-08-30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com