Electronic Components Datasheet Search
  English  ▼

X  

BDP956 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BDP956
Description  PNP Silicon AF Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP956 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BDP956 Datasheet HTML 1Page - Infineon Technologies AG BDP956 Datasheet HTML 2Page - Infineon Technologies AG BDP956 Datasheet HTML 3Page - Infineon Technologies AG BDP956 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDP952...BDP956
1
Jul-06-2001
PNP Silicon AF Power Transistors
 For AF driver and output stages
 High current gain
 Low collector-emitter saturation voltage
 Complementary types: BDP951...BDP955 (NPN)
VPS05163
1
2
3
4
Type
Marking
Pin Configuration
Package
BDP952
BDP954
BDP956
BDP 952
BDP 954
BDP 956
1 = B
1 = B
1 = B
2 = C
2 = C
2 = C
3 = E
3 = E
3 = E
4 = C
4 = C
4 = C
SOT223
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
BDP952
BDP954
BDP956 Unit
Collector-emitter voltage
VCEO
80
100
120
V
Collector-base voltage
VCBO
100
120
140
Emitter-base voltage
VEBO
5
5
5
DC collector current
IC
3
A
Peak collector current
ICM
5
Base current
IB
200
mA
Peak base current
IBM
500
Total power dissipation, TS = 99 °C
Ptot
3
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BDP956

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BDP956 SIEMENS-BDP956 Datasheet
40Kb / 4P
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
More results

Similar Description - BDP956

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
PNP Silicon AF Transistors
Jul-23-2001
BDP948 INFINEON-BDP948 Datasheet
44Kb / 4P
PNP Silicon AF Power Transistors
Jul-06-2001
BDP948 INFINEON-BDP948_08 Datasheet
533Kb / 8P
PNP Silicon AF Power Transistors
2008-10-10
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
PNP Silicon AF Transistors
2011-07-29
BDP950-E6327 INFINEON-BDP950-E6327 Datasheet
537Kb / 8P
PNP Silicon AF Power Transistors
2011-10-05
BDP954E6327 INFINEON-BDP954E6327 Datasheet
537Kb / 8P
PNP Silicon AF Power Transistors
2011-10-05
logo
Leshan Radio Company
LBTP3100Z4TZHG LRC-LBTP3100Z4TZHG Datasheet
994Kb / 5P
PNP Silicon AF Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com