Electronic Components Datasheet Search
  English  ▼

X  

BF998 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BF998
Description  Silicon N-Channel MOSFET Tetrode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF998 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BF998 Datasheet HTML 1Page - Infineon Technologies AG BF998 Datasheet HTML 2Page - Infineon Technologies AG BF998 Datasheet HTML 3Page - Infineon Technologies AG BF998 Datasheet HTML 4Page - Infineon Technologies AG BF998 Datasheet HTML 5Page - Infineon Technologies AG BF998 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Feb-13-2004
2
BF998...
Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Drain-source breakdown voltage
ID = 10 µA, VG1S = -4 V, VG2S = -4 V
V(BR)DS
12
-
-
V
Gate 1 source breakdown voltage
±IG2S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
8
-
12
Gate2 source breakdown voltage
±IG2S = 10 mA, VG2S = VDS = 0
±V(BR)G2SS
8
-
12
Gate 1 source leakage current
±VG1S = 5 V, VG2S = VDS = 0
±IG1SS
-
-
50
nA
Gate 2 source leakage current
±VG2S = 5 V, VG2S = VDS = 0
±IG2SS
-
-
50
nA
Drain current
VDS = 8 V, VG1S = 0 , VG2S = 4 V
IDSS
5
9
15
mA
Gate 1 source pinch-off voltage
VDS = 8 V, VG2S = 4 V, ID = 20 µA
-VG1S(p)
-
0.8
2.5
V
Gate 2 source pinch-off voltage
VDS = 8 V, VG1S = 0 , ID = 20 µA
-VG2S(p)
-
0.8
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com