Electronic Components Datasheet Search
  English  ▼

X  

54ACTQ08 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ08
Description  Quiet Series Quad 2-Input AND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ08 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ08 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ08 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ08 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ08 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ08 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACTQ08
Quiet Series Quad 2-Input AND Gate
General Description
The ’ACTQ08 contains four, 2-input AND gates and utilizes
NSC Quiet Series technology to guarantee quiet output
switching and improved dynamic threshold performance.
FACT Quiet Series™features GTO™ output control and un-
dershoot corrector in addition to a split ground bus for supe-
rior ACMOS performance.
Features
n ICC reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Minimum 4 kV ESD protection
n Outputs source/sink 24 mA
n ’ACTQ08 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD) 5962-8954701
Logic Symbol
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
Connection Diagrams
GTO™ is a trademark of National Semiconductor Corporation.
FACT™ and FACT Quiet Series™ are trademarks of Fairchild Semiconductor Corporation.
IEEE/IEC
DS010891-1
Pin Assignment
for DIP and Flatpak
DS010891-2
Pin Assignment
for LCC
DS010891-3
September 1998
© 1998 National Semiconductor Corporation
DS010891
www.national.com


Similar Part No. - 54ACTQ08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ02 NSC-54ACTQ02 Datasheet
105Kb / 5P
Quad 2-Input NOR Gate
54ACTQ02D NSC-54ACTQ02D Datasheet
105Kb / 5P
Quad 2-Input NOR Gate
54ACTQ02F NSC-54ACTQ02F Datasheet
105Kb / 5P
Quad 2-Input NOR Gate
54ACTQ02L NSC-54ACTQ02L Datasheet
105Kb / 5P
Quad 2-Input NOR Gate
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
Quiet Series Hex Inverter
More results

Similar Description - 54ACTQ08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
Quiet Series Quad 2-Input OR Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
Quiet Series??Quad 2-Input NAND Gate
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
Quiet Series??Quad 2-Input AND Gate
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
Quiet Series??Quad 2-Input AND Gate
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
Quiet Series?줢uad 2-Input NAND Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
54ACTQ32QML Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
Quiet Series Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com