Electronic Components Datasheet Search
  English  ▼

X  

CDCL1810 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  Output, High-Performance Clock Distributor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCL1810 Datasheet HTML 3Page - Texas Instruments CDCL1810 Datasheet HTML 4Page - Texas Instruments CDCL1810 Datasheet HTML 5Page - Texas Instruments CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments CDCL1810 Datasheet HTML 10Page - Texas Instruments CDCL1810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
CDCL1810
www.ti.com
SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014
DC Electrical Characteristics (continued)
Over recommended operating conditions (unless otherwise noted).
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIL,CMOS
Low level CMOS input current
VDD = VDD,max, VIL = 0.0 V
–120
μA
IIH,CMOS
High level CMOS input current
VDD = VDD,max, VIH = 1.9 V
65
μA
Low level CMOS output voltage for the
VOL,SDA
Sink current = 3 mA
0
0.2VDD
V
SDA pin
IOL,CMOS
Low level CMOS output current
8
mA
8.6 AC Electrical Characteristics
Over recommended operating conditions (unless otherwise noted).
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZD,IN
Differential input impedance for the LVDS input terminals
90
132
Ω
VCM,IN
Common-mode voltage, LVDS input
1125
1200
1375
mV
VS,IN
Single-ended LVDS input voltage swing
100
600
mVPP
VD,IN
Differential LVDS input voltage swing
200
1200
mVPP
tR,OUT,
Output signal rise/fall time
20%–80%
100
ps
tF,OUT
VDD –
VDD –
VDD –
VCM,OUT
Common-mode voltage, CML outputs
V
0.31
0.23
0.19
VS,OUT
Single-ended CML output voltage swing
ac-coupled
180
230
280
mVPP
measured in a 50-
Ω
scope; The CML output
VD,OUT
Differential CML output voltage swing
360
460
560
mVPP
incorporates 50-
Ω
resistors to VDD
FIN
Clock input frequency
650
MHz
FOUT
Clock output frequency
650
MHz
10Hz–1MHz offset
180
fs RMS
FIN = 30.72MHz, FOUT =
30.72MHz
1MHz–5MHz offset
348
fs RMS
VD,IN = 200mVPP
12kHz–5MHz offset
388
fs RMS
10Hz–1MHz offset
175
fs RMS
FIN = 30.72MHz, FOUT =
30.72MHz
1MHz–5MHz offset
347
fs RMS
VD,IN = 1200mVPP
12kHz–5MHz offset
388
fs RMS
Additive clock output jitter
JOUT
10Hz–1MHz offset
41
fs RMS
FIN = 650MHz, FOUT =
650MHz
1MHz–20MHz offset
36
fs RMS
VD,IN = 200mVPP
12kHz–20MHz offset
42
fs RMS
10Hz–1MHz offset
48
fs RMS
FIN = 650MHz, FOUT =
650MHz
1MHz–20MHz offset
33
fs RMS
VD,IN = 1200mVPP
12kHz–20MHz offset
39
fs RMS
FIN = 30.72MHz,
TP
Input-to-output delay
FOUT = 30.72MHz
0.7
ns
YP[9:0] outputs
FIN = 30.72MHz,
FOUT = 30.72MHz
TSOUT
Clock output skew
–64
64
ps
YP[9:0] outputs relative
to YP[0]
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CDCL1810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com