Electronic Components Datasheet Search
  English  ▼

X  

LM555 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM555
Description  Timer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM555 Datasheet HTML 9Page - Texas Instruments LM555 Datasheet HTML 10Page - Texas Instruments LM555 Datasheet HTML 11Page - Texas Instruments LM555 Datasheet HTML 12Page - Texas Instruments LM555 Datasheet HTML 13Page - Texas Instruments LM555 Datasheet HTML 14Page - Texas Instruments LM555 Datasheet HTML 15Page - Texas Instruments LM555 Datasheet HTML 16Page - Texas Instruments LM555 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM555
www.ti.com
SNAS548D – FEBRUARY 2000 – REVISED JANUARY 2015
Typical Application (continued)
VCC = 5 V
Top Trace: Input 4 V/Div.
TIME = 20
μs/DIV.
Middle Trace: Output 2V/Div.
RA = 9.1 kΩ
Bottom Trace: Capa citor 2V/Div.
C = 0.01
μF
Figure 18. Frequency Divider
8.2.2.2 Additional Information
Lower comparator storage time can be as long as 10
μs when pin 2 is driven fully to ground for triggering. This
limits the monostable pulse width to 10
μs minimum.
Delay time reset to output is 0.47
μs typical. Minimum reset pulse width must be 0.3 μs, typical.
Pin 7 current switches within 30 ns of the output (pin 3) voltage.
8.2.3 Application Curves
The data shown below was collected with the circuit used in the typical applications section. The LM555 was
configured in the monostable mode with a time delay of 5.17 s. The waveforms correspond to:
•
Top Waveform (Yellow) – Capacitor voltage
•
Middle Waveform (Green) – Trigger
•
Bottom Waveform (Purple) – Output
As the trigger pin pulses low, the capacitor voltage starts charging and the output goes high. The output goes low
as soon as the capacitor voltage reaches 2/3 of the supply voltage, which is the time delay set by the R and C
value. For this example, the time delay is 5.17 s.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com