Electronic Components Datasheet Search
  English  ▼

X  

SL23EP08SC-1HT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SL23EP08SC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SC-1HT Datasheet(HTML) 5 Page - Silicon Laboratories

  SL23EP08SC-1HT Datasheet HTML 1Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP08SC-1HT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Rev 1.0, May 18, 2006
Page 5 of 15
SL23EP08
Absolute Maximum Ratings
Operating Conditions: Unless otherwise stated VDD=2.5V to 3.3V and for both C and I Grades
Description
Condition
Min.
Max.
Unit
Supply voltage, VDD
– 0.5
4.6
V
All Inputs and Outputs
– 0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
– 40
85
°C
Storage Temperature
No power is applied
– 65
150
°C
Junction Temperature
In operation, power is applied
–
125
°C
Soldering Temperature
–
260
°C
ESD Rating (Human Body Model)
MIL-STD-883, Method 3015
2000
–
V
Symbol Description
Condition
Min.
Max.
Unit
VDD3.3
3.3V Supply Voltage
3.3V+/-10%
3.0
3.6
V
VDD2.5
2.5V Supply Voltage
2.5V+/-10%
2.3
2.7
V
TA
Operating Temperature(Ambient)
Commercial
0
70
°C
Industrial
–40
85
°C
CLOAD
Load Capacitance
<100 MHz, 3.3V with Standard or High
drive
–
30
pF
<100 MHz, 2.5V with High drive
–
30
pF
<133.3 MHz, 3.3V with Standard or
High drive
–
22
pF
<133.3 MHz, 2.5V with High drive
–
22
pF
<133.3 MHz, 2.5V with Standard drive
–
15
pF
>133.3 MHz, 3.3V with Standard or
High drive
–
15
pF
>133.3 MHz, 2.5V with High drive
–
15
pF
CIN
Input Capacitance
S1, S2 and CLKIN pins
–
5
pF
CLBW
Closed-loop bandwidth
3.3V, (typical)
1.2
MHz
2.5V, (typical)
0.8
MHz
ZOUT
Output Impedance
3.3V, (typical), High drive
29
Ω
3.3V, (typical), Standard drive
41
Ω
2.5V, (typical), High drive
37
Ω
2.5V, (typical), Standard drive
41
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com