Electronic Components Datasheet Search
  English  ▼

X  

SL23EP08SC-4 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL23EP08SC-4
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SC-4 Datasheet(HTML) 4 Page - Silicon Laboratories

  SL23EP08SC-4 Datasheet HTML 1Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 2Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 3Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 4Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 5Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 6Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 7Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 8Page - Silicon Laboratories SL23EP08SC-4 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev 1.0, May 18, 2006
Page 4 of 15
SL23EP08
Device
Feedback From
Bank-A Frequency
Bank-B Frequency
SL23EP08-1
Bank-A or Bank-B
Reference
Reference
SL23EP08-1H
Bank-A or Bank-B
Reference
Reference
SL23EP08-2
Bank-A
Reference
Reference/2
SL23EP08-2
Bank-B
2x Reference
Reference
SL23EP08-3
Bank-A
2X Reference
Reference
[2]
SL23EP08-3
Bank-B
4X Reference
2X Reference
SL23EP08-4
Bank-A or Bank-B
2X Reference
2X Reference
SL23EP08-5H
Bank-A or Bank-B
Reference /2
Reference /2
Table 3. Available SL23EP08 Configurations
Notes:
1. Outputs are inverted on SL23EP08-2 and SL23EP08-3 in PLL bypass mode when S2=1 and S1=0.
2. Output phase is either 0° or 180° with respect to CLKIN input. If phase integrity is required, use the SL23EP08-2.
0
5
10
15
20
25
30
-30
-25
-20
-5
-10
-15
1500
1000
500
-500
-1500
-1000
0
Output Load Difference: FBK Load – CLKA or CLKB Load (pF)
Figure 1. CLKIN Input to CLKA and CLKB Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com