Electronic Components Datasheet Search
  English  ▼

X  

SL16010DC Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SL16010DC
Description  Low Jitter and Power Clock Generator with SSCG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16010DC Datasheet(HTML) 3 Page - Silicon Laboratories

  SL16010DC Datasheet HTML 1Page - Silicon Laboratories SL16010DC Datasheet HTML 2Page - Silicon Laboratories SL16010DC Datasheet HTML 3Page - Silicon Laboratories SL16010DC Datasheet HTML 4Page - Silicon Laboratories SL16010DC Datasheet HTML 5Page - Silicon Laboratories SL16010DC Datasheet HTML 6Page - Silicon Laboratories SL16010DC Datasheet HTML 7Page - Silicon Laboratories SL16010DC Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev 2.6, August 1, 2010
Page 3 of 8
SL16010DC
Table 2. Absolute Maximum Ratings
Description
Condition
Min
Max
Unit
Supply voltage, VDD
-0.5
4.2
V
All Inputs and Outputs
-0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, extended C grade
-10
85
°C
Storage Temperature
No power is applied
-65
150
°C
Junction Temperature
In operation, power is applied
-
125
°C
Soldering Temperature
-
260
°C
ESD Rating (Human Body Model)
JEDEC22-A114D
-4,000
4,000
V
ESD Rating (Charge Device Model)
JEDEC22-C101C
-1,500
1,500
V
ESD Rating (Machine Model)
JEDEC22-A115D
-200
200
V
Table 3. DC Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -10 to +85Deg C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD1/2
VDD1=VDD2=3.3V +/-10%
2.97
3.3
3.63
V
Input Low Voltage
VINL
SSEL0 and SSEL1
0
-
0.2
V
Input Middle Voltage
VINM
SSEL0 and SSEL1
0.4VDD
-
0.6VDD
Input High Voltage
VINH
SSEL0 and SSEL1
0.9VDD
-
VDD
V
Input High Voltage
VINH1
CMOS Level, Pin-1
If input is clock
0.7VDD
-
VDD
V
Input Low Voltage
VINL1
CMOS Level, Pin-1
If input is clock
0
-
0.3VDD
V
Output Low Voltage
VOL
IOL=15mA, Pins 5 and 9
-
-
0.4
V
Output High Voltage
VOH
IOH=-15mA , Pins 5 and 9
VDD-0.4
-
-
V
Power Supply Current
IDD
SSEL=1, M or 0, CL=15pF,
VDD=3.63V and T=85°C
-
13.5
18.0
mA
Input Capacitance
CIN1
XIN and XOUT, Pins 1 and 10
-
4
-
pF
Input Capacitance
CIN2
SSEL0/1, Pins 7 and 3
-
3
5
pF
Load Capacitance
CL
SSCLK and REFCLK,
Pins 5 and 9
-
-
15
pF
Pull Down Resistor
RPD
100
150
250
kΩ
Table 4. AC Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 3.3V+/-10%, CL=15pF and Ambient Temperature range -10 to +85 Deg C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Frequency Range
FR-1
Input crystal or clock range, +/-10 ppm
crystal accuracy if a crystal is used
-
27.000
-
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com