Electronic Components Datasheet Search
  English  ▼

X  

SA555DR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SA555DR
Description  Precision Timers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SA555DR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SA555DR Datasheet HTML 8Page - Texas Instruments SA555DR Datasheet HTML 9Page - Texas Instruments SA555DR Datasheet HTML 10Page - Texas Instruments SA555DR Datasheet HTML 11Page - Texas Instruments SA555DR Datasheet HTML 12Page - Texas Instruments SA555DR Datasheet HTML 13Page - Texas Instruments SA555DR Datasheet HTML 14Page - Texas Instruments SA555DR Datasheet HTML 15Page - Texas Instruments SA555DR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Time − 0.1 ms/div
Capacitor Voltage
Output Voltage
Input Voltage
VCC = 5 V
RA = 1250 Ω
C = 0.02
µF
See Figure 9
C − Capacitance −
µF
100 k
10 k
1 k
100
10
1
100
10
1
0.1
0.01
0.1
0.001
RA + 2 RB = 10 MΩ
RA + 2 RB = 1 MΩ
RA + 2 RB = 100 kΩ
RA + 2 RB = 10 kΩ
RA + 2 RB = 1 kΩ
NA555, NE555, SA555, SE555
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
www.ti.com
Feature Description (continued)
Figure 14. Free-Running Frequency
8.3.3 Frequency Divider
By adjusting the length of the timing cycle, the basic circuit of Figure 9 can be made to operate as a frequency
divider. Figure 15 shows a divide-by-three circuit that makes use of the fact that re-triggering cannot occur during
the timing cycle.
Figure 15. Divide-by-Three Circuit Waveforms
8.4 Device Functional Modes
Table 1. Function Table
RESET
TRIGGER VOLTAGE(1)
THRESHOLD VOLTAGE(1)
OUTPUT
DISCHARGE SWITCH
Low
Irrelevant
Irrelevant
Low
On
High
<1/3 VCC
Irrelevant
High
Off
High
>1/3 VCC
>2/3 VCC
Low
On
High
>1/3 VCC
<2/3 VCC
As previously established
(1)
Voltage levels shown are nominal.
12
Submit Documentation Feedback
Copyright © 1973–2014, Texas Instruments Incorporated
Product Folder Links: NA555 NE555 SA555 SE555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com