Electronic Components Datasheet Search
  English  ▼

X  

BFP182 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP182
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP182 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP182 Datasheet HTML 1Page - Infineon Technologies AG BFP182 Datasheet HTML 2Page - Infineon Technologies AG BFP182 Datasheet HTML 3Page - Infineon Technologies AG BFP182 Datasheet HTML 4Page - Infineon Technologies AG BFP182 Datasheet HTML 5Page - Infineon Technologies AG BFP182 Datasheet HTML 6Page - Infineon Technologies AG BFP182 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BFP182
Aug-09-2001
6
Collector-base capacitance Ccb = f (VCB)
f = 1MHz
0
4
8
12
16
V
22
VCB
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
pF
0.50
Transition frequency fT = f (IC)
VCE = Parameter
0
5
10
15
mA
25
IC
0
1
2
3
4
5
6
7
8
GHz
10
0
5
10
15
mA
25
IC
0
1
2
3
4
5
6
7
8
GHz
10
10V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
mA
25
IC
10
11
12
13
14
15
16
17
18
19
20
21
dB
23
0
5
10
15
mA
25
IC
10
11
12
13
14
15
16
17
18
19
20
21
dB
23
10V
8V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
mA
25
IC
4
5
6
7
8
9
10
11
12
13
14
dB
16
0
5
10
15
mA
25
IC
4
5
6
7
8
9
10
11
12
13
14
dB
16
10V
0
5
10
15
mA
25
IC
4
5
6
7
8
9
10
11
12
13
14
dB
16
1V
0
5
10
15
mA
25
IC
4
5
6
7
8
9
10
11
12
13
14
dB
16
3V
2V
0.7V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com