Electronic Components Datasheet Search
  English  ▼

X  

SI4713 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI4713
Description  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 17Page - Silicon Laboratories SI4713 Datasheet HTML 18Page - Silicon Laboratories SI4713 Datasheet HTML 19Page - Silicon Laboratories SI4713 Datasheet HTML 20Page - Silicon Laboratories SI4713 Datasheet HTML 21Page - Silicon Laboratories SI4713 Datasheet HTML 22Page - Silicon Laboratories SI4713 Datasheet HTML 23Page - Silicon Laboratories SI4713 Datasheet HTML 24Page - Silicon Laboratories SI4713 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
AN388
Rev. 0.2
21
2.3.9. Adjacent / Alternate Channel Selectivity
Selectivity is a measure of the performance of a radio receiver to respond only to the tuned transmission (such as
a radio station) and reject other signals nearby, such as another broadcast on an adjacent channel. Selectivity is
usually measured as a ratio in decibels, comparing the signal strength received against that of a similar signal on
another frequency. Selectivity measures the ratio of the unwanted to wanted RF input levels at which the audio-
frequency, signal-to-interference ratio (S/I ratio) is 30 dB. The audio output produced by the wanted RF signal is
the reference level (VAUDIO0). First the audio reference level is measured at high RF input level. Second, the
wanted RF level is un-modulated and the unwanted RF level is adjusted until the S/I ratio is 30 dB.
1. Connect test equipment as shown in Figures 1, 2, or 3.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = RMS Select.
i.
Set Bandwidth = BP 3%.
ii. Set Units = dBV.
iii. Set Frequency Mode = FIX: 1 kHz.
4. Configure generator #1:
a. Set carrier frequency = 98.1 MHz.
b. Set RF level VRF0 =40 dBµV.
c. Select FM Modulation.
i.
Set FM Deviation = 22.5 kHz.
ii. Set source = LFGEN.
iii. Set LFGEN frequency = 1 kHz.
d. Enable modulation.
e. Enable carrier.
5. Record the audio level, VAUDIO0.
6. Disable generator #1 modulation.
7. Configure generator #2:
a. Set carrier frequency = 97.9 MHz (adjacent channel) or
b. Set carrier frequency = 97.7 MHz (alternate channel).
c. Set RF level = 60 dBµV.
d. Select FM Modulation.
i.
Set FM Deviation = 22.5 kHz.
ii. Set source = LFGEN.
iii. Set LFGEN frequency = 1 kHz.
e. Enable modulation.
f. Enable carrier.
8. Adjust generator #2 RF level*, VRF1, until the audio level, VAUDIO1 = VAUDIO0 –30dB.
9. Selectivity (dB) = VRF1 –VRF0.
*Note: Generator #1 RF level is set to 40 dBµV to be able to get selectivity results greater than 60 dB. This is not a limitation of
the FM tuner or the evaluation board. Maximum RF level setting for the R&S SML01 signal generator is 120 dBµV. You
cannot increase the RF level beyond this value, so if VRF0 = 60 dBµV, selectivity numbers would be limited to 60 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com