Electronic Components Datasheet Search
  English  ▼

X  

BFP196W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP196W
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP196W Datasheet HTML 1Page - Infineon Technologies AG BFP196W Datasheet HTML 2Page - Infineon Technologies AG BFP196W Datasheet HTML 3Page - Infineon Technologies AG BFP196W Datasheet HTML 4Page - Infineon Technologies AG BFP196W Datasheet HTML 5Page - Infineon Technologies AG BFP196W Datasheet HTML 6Page - Infineon Technologies AG BFP196W Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BFP196W
Jun-22-2001
1
NPN Silicon RF Transistor
 For low noise, low distortion broadband
amplifiers in antenna and telecommunications
systems up to 1.5 GHz at collector currents from
20 mA to 89 mA
 Power amplifier for DECT and PCN systems
 fT = 7.5 GHz
F = 1.5 dB at 900 MHz
VPS05605
4
2
1
3
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP196W
RIs
1 = E
2 = C
3 = E
4 = B
SOT343
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
100
mA
Base current
IB
12
Total power dissipation
TS
 69 °C 1)
Ptot
700
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point 2)
RthJS
 115
K/W
1TS is measured on the collector lead at the soldering point to the pcb
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BFP196W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
logo
Infineon Technologies A...
BFP196W INFINEON-BFP196W Datasheet
83Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP196W INFINEON-BFP196W Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
logo
Inchange Semiconductor ...
BFP196W ISC-BFP196W Datasheet
281Kb / 2P
isc Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFP196WN INFINEON-BFP196WN Datasheet
644Kb / 19P
Low noise silicon bipolar RF transistor
Revision 1.0 2017-01-20
More results

Similar Description - BFP196W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com