Electronic Components Datasheet Search
  English  ▼

X  

SI2439 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI2439
Description  V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2439 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI2439 Datasheet HTML 35Page - Silicon Laboratories SI2439 Datasheet HTML 36Page - Silicon Laboratories SI2439 Datasheet HTML 37Page - Silicon Laboratories SI2439 Datasheet HTML 38Page - Silicon Laboratories SI2439 Datasheet HTML 39Page - Silicon Laboratories SI2439 Datasheet HTML 40Page - Silicon Laboratories SI2439 Datasheet HTML 41Page - Silicon Laboratories SI2439 Datasheet HTML 42Page - Silicon Laboratories SI2439 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Si2494/39
Rev. 1.0
39
+VRX
Receive Voice Stream.
Enable DTE receive of voice stream. The DCE will return a CONNECT response followed by
the voice stream as defined by the +VSM command. The DTE can issue a <DLE><!> or
<DLE><ESC> sequence to terminate the receive stream. The DCE will return a
<DLE><ETX> followed by an OK response for <DLE><!> and <DLE><ESC> followed by an
OK response for <DLE><ESC>. The DCE can be configured to terminate the stream using
the DTE/DCE Inactivity Timer, which is configured using the +VIT command. The DTE will
need to process any <DLE> shielded events present in the data stream. Any <DLE><DLE>
sequences can be preserved to allow less overhead during playback of the stream with the
+VTX command.
+VSD = <sds>,
<sdi>
Silence Detection.
<sds>
Noise level sensitivity
127
Less aggressive [more sensitive, lower noise levels considered to be
silence].
128
Nominal level of sensitivity.
129
More aggressive [less sensitive, higher noise levels considered to be
silence].
<sdi> sets the length of a time interval in 0.1 second units, which must contain no or little
activity, before the ISOmodem will report (QUIET) (<DLE><q>). Default is five seconds.
+VSM = n
Voice Compression Method.
0 Signed PCM
1 Unsigned PCM
4 G.711 µ-Law
5 G.711 A-Law
129 ADPCM 2-bit (2 kB/s storage)
131 ADPCM 4-bit (4 kB/s storage)
+VSP
Voice Speakerphone State
<mode> Description
0 Speakerphone AEC, AES and LEC disabled.
Handset FIR filter coefficients are selected.
1 Speakerphone AEC, AES and LEC enabled.
Speakerphone FIR filter coefficients are selected.
The +VLS=13 command must be used in combination with this setting.
+VTD = n
DTMF / Tone Duration Timer.
This command sets the default DTMF / tone generation duration in 10 ms units for the +VTS
command. Default time is 1 second (n = 100).
Table 10. Basic AT Command Set (Command Defaults in Bold) (Continued)
Command
Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com