Electronic Components Datasheet Search
  English  ▼

X  

ASB110PS15 Datasheet(PDF) 2 Page - XP Power Limited

Part # ASB110PS15
Description  No Extra Components Required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB110PS15 Datasheet(HTML) 2 Page - XP Power Limited

  ASB110PS15 Datasheet HTML 1Page - XP Power Limited ASB110PS15 Datasheet HTML 2Page - XP Power Limited ASB110PS15 Datasheet HTML 3Page - XP Power Limited ASB110PS15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASB110 Series
www.xppower.com
2
AC-DC Power Supplies
Output
Characteristic
Min.
Typ.
Max.
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
1%
At 60% load
Minimum Load
No minimum load required
Start Up Delay
1.3
s
Start Up Rise Time
20
ms
Hold Up Time
10
ms
Full load and 115 VAC
Line Regulation
±0.5
%
Load Regulation
±0.5
%
Transient Response
2%
Maximum deviation, recovering to less
than 1% within 300 µs for 25% step load
Ripple and Noise
1
% pk-pk
20 MHz bandwidth, measured with 20 MHz Bandwidth and
10 µF electrolytic in parallel with 0.1 µF ceramic capacitor.
Overload Protection
130
210
%
Overvoltage Protection
110
140
%
Recycle mains to reset
Short Circuit Protection
Trip and restart (hiccup), auto resetting
Thermal Protection
Measured internally, auto resetting
Temperature Coefficient
0.02
%/°C
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
Baseplate Temperature, see derating curve
Cooling
Conduction Cooled via Baseplate
Operating Humidity
5
90
%RH
Non-condensing
Storage Temperature
-40
+85
°C
Operating Altitude
3048
m
Shock
IEC68-2-27, 30 g, 11 ms half sine, 3 times in each of 6 axes
Vibration
IEC68-2-6, 10-500 Hz, 2 g 10 mins/sweep, 60 mins for each of 3 axes
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Emissions
EN55022
Level B
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3/2
A
±8 kV air/±4 kV contact
Radiated
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
3A
Surge
EN61000-4-5
Installation Class 3
A
Conducted
EN61000-4-6
3 V
A
Dips and Interruptions
EN61000-4-11
Dip: 100% 10 ms
A
Dip: 30% 500 ms
A/B
High Line/Low Line
Int:100% 5000 ms
B
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1
TUV
EN60950-1
CB
IEC60950-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com