Electronic Components Datasheet Search
  English  ▼

X  

BFP540 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP540
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP540 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP540 Datasheet HTML 1Page - Infineon Technologies AG BFP540 Datasheet HTML 2Page - Infineon Technologies AG BFP540 Datasheet HTML 3Page - Infineon Technologies AG BFP540 Datasheet HTML 4Page - Infineon Technologies AG BFP540 Datasheet HTML 5Page - Infineon Technologies AG BFP540 Datasheet HTML 6Page - Infineon Technologies AG BFP540 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BFP540
Jan-28-2004
4
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax):
Transitor Chip Data:
IS =
82.84
aA
VAF =
28.383
V
NE =
3.19
-
VAR =
19.705
V
NC =
1.172
-
RBM =
1.3
Ω
CJE =
1.8063
fF
TF =
6.76
ps
ITF =
1mA
VJC =
0.81969
V
TR =
2.324
ns
MJS =
0-
XTI =
3-
NF =
1-
ISE =
11.15
fA
NR =
1-
ISC =
19.237
aA
IRB =
0.72983
mA
RC =
4
Ω
MJE =
0.46576
-
VTF =
0.23794
V
CJC =
234
fF
XCJC =
0.3
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
BF =
107.5
-
IKF =
0.48731
A
BR =
5.5
-
IKR =
0.02
A
RB =
5.4
Ω
RE =
0.31111
-
VJE =
0.8051
V
XTF =
0.4219
-
PTF =
0
deg
MJC =
0.30232
-
CJS =
0
fF
XTB =
0
-
FC =
0.73234
All parameters are ready to use, no scalling is necessary.
Package Equivalent Circuit:
LBI =
0.47
nH
LBO =
0.53
nH
LEI =
0.23
nH
LEO =
0.05
nH
LCI =
0.56
pH
LEO =
0.58
nH
CBE =
136
fF
CCB =
6.9
fF
CCE =
134
fF
For examples and ready to use parameters
please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon
Technologies CD-ROM or see Internet:
http//www.infineon.com/silicondiscretes
Valid up to 6GHz
For non-linear simulation:
• Use transistor chip parameters in Berkeley SPICE 2G.6 syntax for all simulators.
• Simulation of the package is not necessary for frequencies < 100MHz.
For higher frequencies please add the wiring of the package equivalent circuit
around the non-linear transistor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com