Electronic Components Datasheet Search
  English  ▼

X  

BFR92P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFR92P
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR92P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFR92P Datasheet HTML 1Page - Infineon Technologies AG BFR92P Datasheet HTML 2Page - Infineon Technologies AG BFR92P Datasheet HTML 3Page - Infineon Technologies AG BFR92P Datasheet HTML 4Page - Infineon Technologies AG BFR92P Datasheet HTML 5Page - Infineon Technologies AG BFR92P Datasheet HTML 6Page - Infineon Technologies AG BFR92P Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BFR92P
Aug-03-2001
3
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC characteristics (verified by random sampling)
Transition frequency
IC = 15 mA, VCE = 8 V, f = 500 MHz
fT
3.5
5
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.38
0.6
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.2
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.7
-
Noise figure
IC = 2 mA, VCE = 6 V, ZS = ZSopt ,
f
= 900 MHz
f
= 1.8 GHz
F
-
-
1.8
2.9
-
-
dB
Power gain, maximum available F)
IC = 15 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt ,
f
= 900 MHz
f
= 1.8 GHz
Gma
-
-
15
9.5
-
-
Transducer gain
IC = 15 mA, VCE = 8 V, ZS = ZL = 50 ,
f
= 900 MHz
IC = 15 mA, VCE = 8 V
|S21e|2
-
-
12.5
7
-
-
1Gma = |S21 / S12| (k-(k2-1)1/2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com