Electronic Components Datasheet Search
  English  ▼

X  

PP001085 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PP001085
Description  High Temperature SIAF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001085 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PP001085 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001085 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001085 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001085 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.2
04/11/15
High Temperature SIAF
Flexible Silicone Wire BS EN 50525-2-41
Dimensions:
Part Number
Colour
No. of
Cores
Nominal Cross
Sectional Area
mm²
No. of Strands
×
Strand Size
Nominal Thickness
of Insulation
mm
Nominal Overall
Diameter
mm
Nominal
Weight
kg/km
PP001074
Blue
1
0.5
16 × 0.2mm
0.6
2.1
10
PP001075
Brown
PP001076 Green/Yellow
PP001077
Black
PP001078
Red
PP001079
White
PP001080
Blue
0.75
24 × 0.2mm
2.3
13
PP001081
Brown
PP001082 Green/Yellow
PP001083
Black
PP001084
Red
PP001085
White
PP001086
Blue
1
32 × 0.2mm
2.5
15
PP001087
Brown
PP001088 Green/Yellow
PP001089
Black
PP001090
Red
PP001091
White
PP001092
Blue
1.5
30 × 0.25mm
2.8
21
PP001093
Brown
PP001094 Green/Yellow
PP001095
Black
PP001096
Red
PP001097
White
PP001098
Blue
2.5
50 × 0.25mm
0.7
3.5
34
PP001099
Brown
PP001100
Green/Yellow
PP001101
Black
PP001102
Red
PP001103
White
Flexible Core Silicone Rubber Insulated Cable (SIAF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com