Electronic Components Datasheet Search
  English  ▼

X  

AFE220 Datasheet(PDF) 2 Page - XP Power Limited

Part # AFE220
Description  Energy Efficiency Level V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AFE220 Datasheet(HTML) 2 Page - XP Power Limited

  AFE220 Datasheet HTML 1Page - XP Power Limited AFE220 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-Aug-13
AFE220
Mechanical Details
Models and Ratings
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 47 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
3. For optional IEC320-C6 input connector, add suffix ‘ C6’ to end of part number (Available on 12 V model only).
4. Average of efficiencies measured at 25%, 50%, 75% and 100% load and 230 VAC input.
3.46 (88.0)
Power On Indicator
1.73
(44.0)
Rubber foot
(4 places.)
AC Input
IEC 320/C14 Inlet
1 3
4
2
Optional
IEC 320/C6 Inlet
(12 V model only)
1
3
4
2
5
6
AFE220PS12
AFE220PS19/24/48
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Weight: 2.31 lb (1050 g).
3. Optional output connectors available. Consult sales.
4. Output connector for AFE220PS12 is non locking 4 pin DC power plug and mates with Kycon KPJX-4S or equivalent.
Output connector for AFE220PS19/24/48 is molex Mini-Fit part number 39-01-2060 with 5556 terminals and mates with molex plug
39-01-2066 and 5558 terminals or equivalent.
5. Mains lead length is 76” (1930 mm) approx
Pin
Function
1
Output +
2
Output +
3
Return/Input Earth
4
Return/Input Earth
Shell
Return/Input Earth
Output Power
Output Voltage
Output Current
Total Regulation(2)
Efficiency(4)
Model Number
180 W
12 V
15.00 A
5%
90%
AFE220PS12 (3)
220 W
19 V
11.57 A
5%
91%
AFE220PS19
220 W
24 V
9.16 A
5%
91%
AFE220PS24
220 W
48 V
4.58 A
5%
93%
AFE220PS48
Notes
Mains Leads Order Part:
UK -
C14 inlet: UK-MAINS-IEC, C6 inlet: UK-MAINS-5
European -
C14 inlet: EU-MAINS-IEC, C6 inlet: EU-MAINS-5
US -
C14 inlet: US-MAINS-IEC, C6 inlet: US-MAINS-5
Cable Length
PS12 -
37.4” ± 1.97” (950 ± 50mm)
PS19 -
37.4” ± 1.97” (950 ± 50mm)
PS24 -
70.9” ± 1.97” (1800 ± 50mm)
PS48 -
70.9” ± 1.97” (1800 ± 50mm)
Pin Connector
Pin
Function
1
Return/Input Earth
2
Return/Input Earth
3
Return/Input Earth
4
Output +
5
Output +
6
Output +
AFE220PS19/24/48
AFE220PS12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com