Electronic Components Datasheet Search
  English  ▼

X  

BFR360F Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFR360F
Description  NPN Silicon RF Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360F Datasheet(HTML) 7 Page - Infineon Technologies AG

  BFR360F Datasheet HTML 1Page - Infineon Technologies AG BFR360F Datasheet HTML 2Page - Infineon Technologies AG BFR360F Datasheet HTML 3Page - Infineon Technologies AG BFR360F Datasheet HTML 4Page - Infineon Technologies AG BFR360F Datasheet HTML 5Page - Infineon Technologies AG BFR360F Datasheet HTML 6Page - Infineon Technologies AG BFR360F Datasheet HTML 7Page - Infineon Technologies AG BFR360F Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Jun-16-2003
7
BFR360F
Power Gain Gma, Gms = (f)
VCE = parameter
0
0.5
1
1.5
2
2.5
3
3.5 GHz
4.5
f
4
9
14
19
24
29
34
39
dB
49
Ic = 15mA
5V
2V
1V
0.7V
Insertion Power Gain
|S21|² = (f)
VCE = parameter
0
0.5
1
1.5
2
2.5
3
3.5 GHz
4.5
f
0
4
8
12
16
20
24
28
dB
36
Ic = 15mA
5V
2V
1V
0.7V
Power Gain Gma, Gms = (VCE): 
|S21|² = (VCE): - - - -
f
= parameter
0
1
2
3
4
5
V
7
VCE
8
10
12
14
16
18
20
dB
24
0.9GHz
1.8GHz
0.9GHz
1.8GHz
Ic = 15mA
Power gain Gma, Gms =  (IC)
VCE = 3V
f
= parameter
0
5
10
15
20
25
30
35 mA
45
IC
7
8
9
10
11
12
13
14
15
16
17
18
19
dB
22
0.9GHz
1.8GHz
2.4GHz
3GHz
4GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com