Electronic Components Datasheet Search
  English  ▼

X  

GLC65D Datasheet(PDF) 1 Page - SL Power Electronics

Part # GLC65D
Description  65 Watt Multiple Output Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC65D Datasheet(HTML) 1 Page - SL Power Electronics

  GLC65D Datasheet HTML 1Page - SL Power Electronics GLC65D Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLC65 Commercial/GLM65 Medical
Ac Input
90-264 Vac, 47-63 Hz single phase.
Output Power
Total continuous output power is 60 W, 75 W peak for 60 s 10% duty cycle.
Total continuous rating with 150 LFM of air is 70 W.
Input Current
Units are exempt from input current harmonic requirements of EN61000-3-2
when output power is less than 62W. Maximum input current at minimum
input voltage and output overload will be less than 2.0 A.
Inrush Current
Inrush is limited by internal thermistor. The inrush at 240 Vac, averaged over
the first ac half-cycle under cold start conditions will not exceed 37 A.
Input Protection
Internal AC fuse provided on all units. Designed to blow only if a catastrophic
failure occurs in the unit -- Fuse does not blow on short circuit or unsustained
overload.
Holdup Time
Output voltage stays within regulation for 20 ms from loss of ac input at 65 W
load, from 120 Vac input.
Efficiency
80% minimum.
Overload Protection
Fully protected against short circuit and output overload. Short circuit
protection is cycling type power limit and will automatically recover after
removal of fault.
Overvoltage Protection
Built in with firing point set. OVP firing reduces output to less than 50% of
nominal voltage in less than 50 ms.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz Bandwidth, differential mode. Measured with
scope probe directly across output terminals of the power supply with load
terminated with 1μF capacitor.
Transient Response
Main Output - 500 μs typical response time for return to within 0.5% of final
value for a 50% load step within the regulation limits of minimum and maxi-
mum load, ∆i/∆t< 0.2 A/μs. Maximum voltage deviation is 3.5%.
65 Watt Multiple Output Global Performance Switchers
• 65 Watt Wide Range Input
• High Efficiency (Up to 90%)
• Universal input 90-264 Vac
• 2-year warranty
• Also available in single outputs
• Conducted EMI complies with FCC Class B and
CISPR 22 Class B (Commercial models) and
CISPR 11 Class B (Medical models)
• Exempt from line harmonics standard EN61000-3-2
• Commercial Approved to UL1950, CSA-C22.2 No. 950,
• Medical Approved to UL2601-1, CSA 22.2 No. 601.1, and
EN60601-1• Medical Approved to UL2601-1, CSA 22.2 No. 601.1,
• RoHS Compliant (G suffix)
MULTIPLE OUTPUT GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Summary:
SPECIFICATIONS
Minimum Load
No minimum load required on any output. However, regulation limits may be
exceeded if extreme conditions are applied. Contact factory for assistance.
Temperature Coefficient: 0.03%°C typical on all outputs.
Voltage Adjustment
Units provided with one potentiometer capable of adjusting all 3 outputs a mini-
mum of +/- 5% from nominal setting.
EMI / EMC Compliance:
All models include built-in EMI filtering to meet EMC requirements of IEC601-1-2.
•
marked to LVD
PERFORMANCE
EMC STANDARD
Conducted Emissions GLC65
Conducted Emissions GLM65
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
Conducted RF Susceptibility
Voltage Sags & Surges
Line Frequency Harmonics
EN55022 Class B; FCC Class B
EN55011 Class B; FCC Class B
EN61000-4-2, Level 3
EN61000-4-3, Level 3
EN61000-4-4, Level 3
EN61000-4-5, Level 3
EN61000-4-6, 3V, 80%
EN61000-4-11
EN61000-3-2 Class A (>62Wout)
Exempt (<62Wout)
GLC65 Commercial - Safety
SL Power Electronics Corp declares under our sole responsibility that all models
are in conformity with the applicable requirements of EN60950 following the
provisions of the Low Voltage Directive 73/23/EEC. All models are approved to
UL1950 (with no D3 deviations), CSA22.2 No. 950-95 3rd edition, Level 3, IEC950,
EN60950. CB certificate available.
Commercial Leakage Current
Less then 500 μA @ 120 Vac. Less then 1.2 mA @ 240 Vac.
GLM65 Medical - Safety
Approvals: All models are certified to be in compliance with the applicable require-
ments of UL2601-1, CSA 22.2 No. 601.1, IEC 601-1 (1988), EN 60601-1: 1990.
Medical Leakage Current
80 μA under normal conditions (132 Vac @ 60 Hz). Maximum under single fault
conditions (264 Vac @ 60 Hz) is 180 μA.


Similar Part No. - GLC65D

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GLC65-12 SLPOWER-GLC65-12 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GLC65-12 SLPOWER-GLC65-12 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GLC65-15 SLPOWER-GLC65-15 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GLC65-15 SLPOWER-GLC65-15 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
More results

Similar Description - GLC65D

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
80 Watt Global Single and Multiple Output Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com