Electronic Components Datasheet Search
  English  ▼

X  

BFR360 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFR360
Description  NPN Silicon RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFR360 Datasheet HTML 1Page - Infineon Technologies AG BFR360 Datasheet HTML 2Page - Infineon Technologies AG BFR360 Datasheet HTML 3Page - Infineon Technologies AG BFR360 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Jul-01-2003
3
BFR360L3
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 15 mA, VCE = 3 V, f = 1 GHz
fT
11
14
-
GHz
Collector-base capacitance
VCB = 5 V, f = 1 MHz, emitter grounded
Ccb
-
0.26
0.5
pF
Collector emitter capacitance
VCE = 5 V, f = 1 MHz, base grounded
Cce
-
0.15
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, collector grounded
Ceb
-
0.43
-
Noise figure
IC = 3 mA, VCE = 3 V, ZS = ZSopt,
f = 1.8 GHz
Fmin
-
1
-
dB
Power gain, maximum stable1)
IC = 15 mA, VCE = 3 V, ZS = ZSopt ,
ZL = ZLopt, f = 1.8 GHz
Gms
-
16.5
-
-
Power gain, maximum available1)
IC = 15 mA, VCE = 3 V, ZS = ZSopt ,
ZL = ZLopt , f = 3 GHz
Gma
-
11.5
-
dB
Transducer gain
IC = 15 mA, VCE = 3 V, ZS = ZL = 50 ,
f = 1.8 GHz
IC = 30 mA, VCE = 3 V, ZS = ZL = 50 ,
f = 3 GHz
|S21e|2
-
-
13.5
9
-
-
dB
Third order intercept point at output2)
VCE = 3 V, IC = 15 mA, f = 1.8 GHz,
ZS = ZL = 50
IP3
-
24
-
dBm
1dB Compression point at output
IC = 15 mA, VCE = 3 V, ZS = ZL = 50 ,
f = 1.8 GHz
P-1dB
-
8.5
-
1Gma = |S21e / S12e| (k-(k²-1)1/2)
2IP3 value depends on termination of all intermodulation frequency components.
Termination used for this measurement is 50
 from 0.1 MHz to 6 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com