Electronic Components Datasheet Search
  English  ▼

X  

BFR360 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFR360
Description  NPN Silicon RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFR360 Datasheet HTML 1Page - Infineon Technologies AG BFR360 Datasheet HTML 2Page - Infineon Technologies AG BFR360 Datasheet HTML 3Page - Infineon Technologies AG BFR360 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jun-16-2003
1
BFR360T
VPS05996
1
2
3
NPN Silicon RF Transistor
Preliminary data
 Low voltage/ low current operation
 For low noise amplifiers
 For Oscillators up to 3.5 GHz and Pout > 10 dBm
 Low noise figure: 1.0 dB at 1.8 GHz
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFR360T
FBs
1 = B
2 = E
3 = C
SC75
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
6
V
Collector-emitter voltage
VCES
15
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
2
Collector current
IC
35
mA
Base current
IB
4
Total power dissipation1)
TS  81°C
Ptot
210
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
325
K/W
1TS is measured on the collector lead at the soldering point to the pcb
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BFR360

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR360 INFINEON-BFR360 Datasheet
140Kb / 8P
NPN Silicon RF Transistor
Jun-16-2003
BFR360 INFINEON-BFR360 Datasheet
101Kb / 4P
NPN Silicon RF Transistor
Jul-01-2003
BFR360F INFINEON-BFR360F Datasheet
140Kb / 8P
NPN Silicon RF Transistor
Jun-16-2003
BFR360F INFINEON-BFR360F Datasheet
553Kb / 11P
NPN Silicon RF Transistor
2010-05-20
BFR360F INFINEON-BFR360F Datasheet
583Kb / 9P
Low noise amplifier for low current applications
2013-11-06
More results

Similar Description - BFR360

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com