Electronic Components Datasheet Search
  English  ▼

X  

LB115S Datasheet(PDF) 1 Page - SL Power Electronics

Part # LB115S
Description  Meets IEC61000-3-2 Class C for less than 1 Watt to full power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115S Datasheet(HTML) 1 Page - SL Power Electronics

  LB115S Datasheet HTML 1Page - SL Power Electronics LB115S Datasheet HTML 2Page - SL Power Electronics LB115S Datasheet HTML 3Page - SL Power Electronics LB115S Datasheet HTML 4Page - SL Power Electronics LB115S Datasheet HTML 5Page - SL Power Electronics LB115S Datasheet HTML 6Page - SL Power Electronics LB115S Datasheet HTML 7Page - SL Power Electronics LB115S Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
1
Features
Small size of 2” x 4” x 1.3”
75W convection cooled/115 Watts with 200 LFM
Universal Input 90-264Vac
Meets EN55015 Conducted EMI
Meets IEC61000-3-2 Class C for less than 1 Watt to full
power
Approved to UL/CSA/IEC/EN60950-1, 2
nd Edition
Level V Efficiency Compliant
-40˚C start up
-20˚C to 70˚C Operating temperature Range
3 Year Warranty
Optional LED indicator for power-on
Description
The LB115S LED Series provide a reliable power source with high power density in 2” x 4” x 1.3” package.
Fully compliant to the applicable safety and Global Lighting EMC standards, these models will allow easy
integration into many Lighting fixtures and other industrial applications. All 4 models are CE marked to low
voltage directive and approved to standards of UL/CSA/IEC/EN60950-1 2
nd edition.
Model Selection
Model
Output Current
Output Current
Ripple &
Total
OVP
Number
Volts
Convection Cooled
Forced air(200 LFM)
(Total Power)
Noise*
Regulation
Threshold
LB115S12K
12 V
6.25 A
9.00A
(108 Watts)
0.5%RMS,
1.5% pk-pk
±2%
14.0 ± 1.1V
LB115S24K
24 V
3.13A
4.58A
(110 Watts)
0.5%RMS,
1% pk-pk
±2%
28.0 ± 2.5V
LB115S48K
48 V
1.56A
2.40A
(115 Watts)
0.5%RMS,
1% pk-pk
±2%
55.0 ± 4.0V
LB115S56K
56 V
1.34A
2.05A
(115 Watts)
0.5%RMS,
1% pk-pk
±2%
63.0 ± 4.0V
Notes:
* At -20C, the noise and ripple is 2% of the output.
General & Input Specifications
PARAMETER
SPECIFICATION
NOTES
AC Input Voltage:
90-264Vac, single phase
AC Input Frequency:
47-63Hz
AC Input Current:
115Vac: 2A, 230Vac: 1A
Inrush Current:
65A maximum @ 25C
Earth Leakage Current
(Input–Earth):
<350
uA@264Vac, 60 Hz input, NC
Input Fuse:
F1:4A, 250VAC
Fuse provided on all models


Similar Part No. - LB115S

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LB115S12K SLPOWER-LB115S12K Datasheet
1Mb / 8P
115W Single Output
LB115S24K SLPOWER-LB115S24K Datasheet
1Mb / 8P
115W Single Output
LB115S48K SLPOWER-LB115S48K Datasheet
1Mb / 8P
115W Single Output
LB115S56K SLPOWER-LB115S56K Datasheet
1Mb / 8P
115W Single Output
More results

Similar Description - LB115S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
most suitable for power supplies of less than 100W
NTPA94R0LB1A0 MURATA-NTPA94R0LB1A0 Datasheet
196Kb / 3P
most suitable for power supplies of less than 100W
NTPA94R0LBMB0 MURATA-NTPA94R0LBMB0 Datasheet
199Kb / 3P
most suitable for power supplies of less than 100W
NTPA98R0LB1A0 MURATA-NTPA98R0LB1A0 Datasheet
198Kb / 3P
most suitable for power supplies of less than 100W
NTPAA2R2LD6A0 MURATA-NTPAA2R2LD6A0 Datasheet
196Kb / 3P
most suitable for power supplies of less than 100W
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
IEC61000-3-2 Class D Standards Compliant
logo
SIFIRST TECHNOLOGIES NA...
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
Less than 75mW Standby Power
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
Less than 75mW Standby Power
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com